Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CS9211 Datasheet HTML 1Page - National Semiconductor (TI) CS9211 Datasheet HTML 2Page - National Semiconductor (TI) CS9211 Datasheet HTML 3Page - National Semiconductor (TI) CS9211 Datasheet HTML 4Page - National Semiconductor (TI) CS9211 Datasheet HTML 5Page - National Semiconductor (TI) CS9211 Datasheet HTML 6Page - National Semiconductor (TI) CS9211 Datasheet HTML 7Page - National Semiconductor (TI) CS9211 Datasheet HTML 8Page - National Semiconductor (TI) CS9211 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Revision 2.1
5
www.national.com
2.0
Signal Definitions
This section defines the signals and external interface of
the CS9211. Figure 2-1 shows the pins organized by their
functional groupings (internal test and electrical pins are
not shown).
2.1
PIN ASSIGNMENTS
The tables in this section use several common abbrevia-
tions. Table 2-1 lists the mnemonics and their meanings.
Figure 2-2 shows the pin assignment for the CS9211 with
Tables 2-2 and 2-3 listing the pin assignments sorted by pin
number and alphabetically by signal name, respectively.
In Section 2.2 "Signal Descriptions" on page 9 a descrip-
tion of each signal within its associated functional group is
provided.
Figure 2-1. Signal Groups
Table 2-1. Pin Type Definitions
Mnemonic
Definition
I
Standard input pin
I/O
Bidirectional pin
O
Totem-pole output
OD
Open-drain output structure that allows
multiple devices to share the pin in a
wired-OR configuration
PU
Pull-up resistor
PD
Pull-down resistor
smt
Schmitt Trigger
t/s
TRI-STATE signal
VDD (PWR)
Power pin
VSS (GND)
Ground pin
#
The "#" symbol at the end of a signal
name indicates that the active, or
asserted state occurs when the signal
is at a low voltage level. When "#" is
not present after the signal name, the
signal is asserted when at the a high
voltage level.
RED[5:0]
GREEN[5:0]
BLUE[5:0]
ENA_DISP
ENA_VDDIN
ENA_LCDIN
DOTCLK
FP_HSYNC
FP_VSYNC
SCLK
SDIN
SCS
SDO
LP/HSYNC
SHFCLK
FLM/VSYNC
UD[11:0]
LD[11:0]
DISPOFF#
FP_VDDEN
FP_VCONEN
MA[10:0]
MD[15:0]
DQMH
DQML
OE#/BA
WE#
CASH#
CAS#/CASL#
RAS#
MCLK
RESET#
Memory
Interface
Reset,
Crystal,
Flat Panel
Interface
Pixel Port
Interface
Geode™
CS9211
Serial
Interface
CKE
CS#
Graphics
Companion
LDE
XTALIN
XTALOUT
GPIO0-GPIO7
and
GPIOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com