Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) CS9211 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Revision 2.1
45
www.national.com
Register Descriptions (Continued)
0DITH_ENB
Dithering Enable: Enable/disable dithering. The dither bit must be enabled in order for dither RAM
reads or writes to occur. When this bit is cleared, the internal dither RAM is powered down.
0 = Dither disable - The dithering function is turned off. When the dither is disabled, dither bits [3:1] do
not have any effect and the dither RAM is not accessible.
1 = Dither enable. The dither functions with the number of dither bits as set in [3:1]
Offset 410h-413h
BLUE LFSR SEED Register (R/W)
Reset Value = 00000000h
31:15
RSVD
Reserved: These bits are not defined.
14:0
BSEED
Blue LFSR Seed[14:0]: 15-bit value that specifies the seed value for the FRM conversion of the Blue
component of each pixel
Offset 414h-417h
Red and Green LFSR Seed Register (R/W)
Reset Value = 00000000h
31
RSVD
Reserved: This bit is not defined.
30:16
GSEED
Green LFSR Seed[14:0]: 15-bit value that specifies the seed value for the FRM conversion of the
Green component of each pixel
15
RSVD
Reserved: This bit is not defined.
14:0
RSEED
Red LFSR Seed[14:0]: 15-bit value that specifies the seed value for the FRM conversion of the Red
component of each pixel
Offset 418h-41Bh
FRM Memory Index Register (R/W)
Reset Value = 00000000h
31:10
RSVD
Reserved: These bits are not defined.
9:8
RGB_SEL
RGB Memory (FRM RAM) Select: Allows reading or writing to individual R,G, and B memory FRM
RAM locations or writing to all of them at the same time.
00 = Read from R FRM RAM but write to RGB FRM RAM.
01 = read or write to R FRM RAM.
10 = Read or write to G FRM RAM.
11 = Read or write to B FRM RAM.
Note: All FRM RAMs can be accessed through the serial interface before the panel is powered up.
7:6
RSVD
Reserved: These bits are not defined.
5:0
FRM_INDEX
FRM Memory Index: This auto-incrementing value represents the index to the FRM RAM. Each RAM
is configured as 32x64, requiring two index values to update each row of FRM RAM.
For example, the 00h index value will update the 32 LSB’s of row “0” FRM RAM and the 01h index
value will update the 32 MSB’s of row “0” FRM RAM.
To update the entire RAM location, the index is programmed only once with the starting value, “00”.
This is used inside the CS9211 to auto increment the FRM RAM locations for every FRM RAM data
access using the Offset 41Ch.
Offset 41Ch-41Fh
FRM Memory Data Register
Reset Value = 00000000h
31:0
FRM_DATA
FRM Memory Data Register: This 32-bit data represents FRM RAM data to be read or written to the
FRM RAM table in accordance to the RGB_SEL (Offset 418h[9:8]) and the index value (Offset
418h[5:0]).
Offset 420h-423h
Memory Control Register
Reset Value = 1EF80008h
31:5
RSVD
Reserved: These bits are not defined.
4
EDO_LATE
EDO DRAM Late Latch Bit: When this bit is set, the data is latched into the CS9211, one clock after
the data arrives from the DRAM. Since SSTN and TFT panels do not use any frame buffer, this bit is
used only for DSTN panels. This bit is effective only if EDO RAM is used, as selected by bit 0 = 0.
0 = Latch the data with no delay.
1 = Latch the data with a delay of one clock.
3EDO_EDGE_SEL
EDO Data Latch Edge Select: This bit controls which clock edge is used to latch data. When this bit
is set, the data from the DRAM is latched into the CS9211 on the negative edge of the memory clock.
Since SSTN and TFT panels do not use any frame buffer, this bit is used only for DSTN panels. This
bit is effective only if EDO RAM is used, as selected by bit 0 = 0.
0 = Latch on positive (rising) edge.
1 = Latch on negative (falling) edge.
2
SDRAM_LD
SDRAM Load Bit: SDRAM Load Mode Register. When enabled, this bit activates RAM refresh. Since
SSTN and TFT panels do not use any frame buffer, this bit is used only for DSTN panels.
0 = Disable; 1 = Enable.
Table 4-2. Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com