Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 5Page - National Semiconductor (TI) CS9211 Datasheet HTML 6Page - National Semiconductor (TI) CS9211 Datasheet HTML 7Page - National Semiconductor (TI) CS9211 Datasheet HTML 8Page - National Semiconductor (TI) CS9211 Datasheet HTML 9Page - National Semiconductor (TI) CS9211 Datasheet HTML 10Page - National Semiconductor (TI) CS9211 Datasheet HTML 11Page - National Semiconductor (TI) CS9211 Datasheet HTML 12Page - National Semiconductor (TI) CS9211 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Revision 2.1
9
www.national.com
2.2
SIGNAL DESCRIPTIONS
2.2.1
Pixel Port Interface Signals
Signal Name
Pin No.
Type
(Drive)
Description
RED[5:0]
96, 86,
85, 78,
79, 76
I
Red Pixel Channel
These six pins are the red component of the pixel port input. The six most
significant bits of the pixel port (FP_DATA[17:12] on an 18-bit pixel port) from
the CS5530A are connected to these pins. RED5 is the MSB (most signifi-
cant bit) and RED0 is the LSB (least significant bit).
GREEN[5:0]
100, 98,
94, 87,
92, 93
I
Green Pixel Channel
These six pins are the green component of the pixel port input. The six mid-
dle bits of the pixel port (FP_DATA[11:6] on an 18-bit pixel port) from the
CS5530A are connected to these pins. GREEN5 is the MSB and GREEN0
is the LSB.
BLUE[5:0]
88, 84,
81, 83,
82, 80
I
Blue Pixel Channel
These six pins are the blue component of the pixel port input. The six least
significant bits of the pixel port (FP_DATA[5:0] on an 18-bit pixel port) from
the CS5530A are connected to these pins. BLUE5 is the MSB and BLUE0 is
the LSB.
ENA_DISP
95
I
Active Display Enable
This input is asserted when the pixel data stream is presenting valid display
data to the pixel port.
ENA_VDDIN
77
I
Input VDD Enable
When this input is asserted high, it indicates that the CS9211 should apply
voltage to the LCD panel. FP_VDDEN (pin 34) follows this assertion if exter-
nal power sequencing is selected; it is ignored if internal power sequencing
is selected.
ENA_LCDIN
101
I
Input LCD Enable
When this input is asserted high, it indicates that the CS9211 should drive
the contrast voltage to the LCD panel. FP_VCONEN (pin 35) follows this
assertion if external power sequencing is selected; it is ignored if internal
power sequencing is selected.
DOTCLK
75
I
DOT Clock
This signal is the pixel clock from the video controller within the CS550A. It
clocks data in from the pixel port on the rising edge. Additionally, this signal
is used as the input clock for the entire CS9211 device. This clock must be
running at all times after reset for the CS9211 to function correctly.
FP_HSYNC
97
I
Flat Panel Horizontal Sync Input
When the input data stream is in a horizontal blanking period, this input is
asserted. It is a pulse used to synchronize display lines and to indicate when
the pixel data stream is not valid due to blanking.
FP_VSYNC
99
I
Flat Panel Vertical Sync Input
When the input data stream is in a vertical blanking period, this input is
asserted. It is a pulse used to synchronize display frames and to indicate
when the pixel data stream is not valid due to blanking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com