Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 12Page - National Semiconductor (TI) CS9211 Datasheet HTML 13Page - National Semiconductor (TI) CS9211 Datasheet HTML 14Page - National Semiconductor (TI) CS9211 Datasheet HTML 15Page - National Semiconductor (TI) CS9211 Datasheet HTML 16Page - National Semiconductor (TI) CS9211 Datasheet HTML 17Page - National Semiconductor (TI) CS9211 Datasheet HTML 18Page - National Semiconductor (TI) CS9211 Datasheet HTML 19Page - National Semiconductor (TI) CS9211 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
www.national.com
16
Revision 2.1
Functional Description (Continued)
3.2
FUNCTIONAL BLOCKS
The block diagram of the CS9211, along with the basic sys-
tem interconnections are shown in Figure 3-4. Details of
each block will be discussed in this section.
The CS9211 interfaces directly to industry standard 8-, 16-
and 24-bit color or monochrome single or dual-scan STN
flat panels (not all combinations are supported). It can also
support 18-bit active matrix thin-film-transistor (TFT) with
one or two pixels per clock.
The digital RGB or video data that is supplied by the
CS5530A is converted into a suitable format to drive the
supported panels. The heart of the device is the Frame
Rate Modulator (FRM), which provides the ability to display
various intensities of each primary color. Dithering logic is
included to further increase the apparent number of colors
that can be displayed. To support the DSTN panels, a
memory controller that interfaces to external EDO DRAM
or SDRAM (used as a frame buffer) is built into the
CS9211. A configurable timing generator provides timing
pulses tailored to the panel being driven. The CS9211 sup-
ports automatic power sequence of panel power supplies.
The device contains a CRC generator which may be used
for self-validation during silicon validation.
Each pixel on an SSTN or DSTN LCD panel consists of
three primary color components: red, green, and blue.
Each primary color component, for a given pixel, can be
turned on or off; there are no intermediate intensities. A
total of eight colors can be generated for a given pixel
through various combinations of turning each color compo-
nent on or off. In order to generate more colors, frame rate
modulation and dithering are used. The CS9211 is capable
of generating 256K different colors, based on the 18-bit
RGB pixel inputs.
Figure 3-4. CS9211 Block Diagram
Dither
DRAM/SDRAM
18
Serial-IF/Register Block
Memory
Panel
FRM
TFT
DSTN/
Interface
Controller
DSTN
Timing
Generator
TFT,
SSTN,
or
DSTN
XGA
Geode™
CRC
Engine
4
4
18
3
24
24
37
3
3
CS5530A
Panel
I/O
Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com