Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 39Page - National Semiconductor (TI) CS9211 Datasheet HTML 40Page - National Semiconductor (TI) CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Revision 2.1
43
www.national.com
Register Descriptions (Continued)
18:16
PIX_OUT
Pixel Output Format: These bits define the pixel output format. The selection of the pixel output for-
mat in conjunction with the panel type selection (bits [21:20]) and the color/monochrome selection
(bits [19]) determines how the pixel data is formatted before being sent on to the LD/UD pins. These
settings also determine the SHFCLK period for the specific panel.
000 = 8-bit DSTN panel or up to 24-bit TFT panel with one pixel per clock.
Option 1: Mono 8-bit DSTN (bits [21:20] = 00 and bit 19 = 1)
(Color 8-bit DSTN is not supported)
SHFCLK = 1/4 of DOTCLK
Option 2: Color TFT with 1 pixel/clock (bits [21:20] = 01 and bit 19 = 0)
SHFCLK = DOTCLK
001 = 16-bit DSTN panel or 18/24-bit TFT XGA panel with two pixels per clock.
Option 1: Color 16-bit DSTN (bits [21:20] = 00 and bit 19 = 0)
SHFCLK = 1/(3:2:3) of DOTCLK
Option 2: Mono 16-bit DSTN (bits [21:20] = 00 and bit 19 = 1)
SHFCLK = 1/8 of DOTCLK
Option 3: Color 18/24 bit TFT (bits [21:20] = 01 and bit 19 = 0)
SHFCLK = 1/2 of DOTCLK
010 = 24-bit DSTN panel
Color 24-bit DSTN (bits [21:20] = 00 and bit 19 = 0)
(Mono 24-bit DSTN is not supported)
SHFCLK = 1/4 of DOTCLK
011 = 8-bit SSTN panel
Color 8-bit SSTN (bits [21:20] = 00 and bit 19 = 0)
SHFCLK = 1/(3:2:3) of DOTCLK
100, 101, 110, and 111 = Reserved
15:14
RSVD
Reserved: This bit is not defined.
13
CONT_LPS
Continuous Line Pulses: This bit selects whether line pulses are continuously output or are output
only during the active display time. In most cases, DSTN panels require continuous line pulses (LPs).
This bit will have no effect if the CS9211 is set to TFT mode.
0 = Continuous line pulses.
1 = Line pulses during the display time only.
12:0
RSVD
Reserved: These bits are not defined.
Offset 408h-40Bh
Power Management Register (R/W)
Reset Value = 00000000h
31:28
RSVD
Reserved: These bits are not defined.
27
PWR_SEQ_SEL
Power Sequence Select: Selects whether to use internal or external power sequence. The power
sequence controls the order in which FP_VDDEN, FP_VCONEN, the data and control signals, and
DISPOFF# become active during power-up, and inactive during power-down.
0 = Use internal power sequencing (phase timing is controlled by bits [24:18].
1 = Use external power sequencing (phase timing is controlled by signals generated from CS5530/
CS550A).
26
RSVD_0
Reserved.: This bit should always be set to zero.
25
DISPOFF_CNTL
Display Off Control Source: Selects how DISPOFF# is controlled. Independent control may be used
to disable the backlight to save power, even if the panel is otherwise on.
0 = DISPOFF# is controlled by with the power-up/down sequence, internal or external mode.
1 = DISPOFF# immediately turns the backlight off.
24
PWR_CNTL
Panel Power Control: Initiates the internal power-up or power-down sequence. When the bit is set
from high-to-low, the internal power-down sequence is initiated with the timings as selected by Offset
408h[20:18]. When the bit is set from low-to-high, the internal power-up sequence is initiated with the
timings as selected by Offset 408h[23:21]. This bit may be read to determine the power status (i.e., on
or off) of the panel. This bit functions as described only if the internal power sequence has been
selected by bit [27]. 0 = Powered down; 1 = Powered up.
23
PWRUP_PHASE_
2
Panel Power-Up Phase 2: Selects the interval between enabling FP_VDDEN to enabling panel data
and control signals. 0 = 32 ms ±1.0 ms; 1 = 128 ms ±4.0 ms.
22
PWRUP_PHASE_
1
Panel Power-Up Phase 1: Selects the interval between enabling the panel data signals to enabling
FP_VCONEN. 0 = 32 ms ±1.0 ms; 1 = 128 ms ±4.0 ms.
Table 4-2. Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com