Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 45Page - National Semiconductor (TI) CS9211 Datasheet HTML 46Page - National Semiconductor (TI) CS9211 Datasheet HTML 47Page - National Semiconductor (TI) CS9211 Datasheet HTML 48Page - National Semiconductor (TI) CS9211 Datasheet HTML 49Page - National Semiconductor (TI) CS9211 Datasheet HTML 50Page - National Semiconductor (TI) CS9211 Datasheet HTML 51Page - National Semiconductor (TI) CS9211 Datasheet HTML 52Page - National Semiconductor (TI) CS9211 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Revision 2.1
49
www.national.com
Electrical Specifications (Continued)
5.2
ABSOLUTE MAXIMUM RATINGS
Table 5-3 lists absolute maximum ratings for the CS9211.
Stresses beyond the listed ratings may cause permanent
damage to the device. Exposure to conditions beyond
these limits may (1) reduce device reliability and (2) result
in premature failure even when there is no immediate
apparent sign of failure. Prolonged exposure to conditions
at or near the absolute maximum ratings may also result in
reduced life and reliability. These are stress ratings only
and do not imply that operation under any conditions other
than those listed under Table 5-4 is possible.
5.3
OPERATING CONDITIONS
Table 5-4 lists the recommended operating conditions for
the CS9211.
Table 5-3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Operating Case Temperature
130
°C
Power Applied
Storage Temperature
–40
150
°C
No Bias
Supply Voltage
4.0
V
Table 5-4. Operating Conditions
Symbol
Parameter
Min
Max
Units
Comments
TC
Operating Case Temperature
0
85
°C
VDD
Supply Voltage
3.14
3.46
V
3.3V nominal
VIH
High-Level Input Voltage
2.0
5.25
V
VIL
Low-Level Input Voltage
–0.3
0.8
V
IOH
High-Level Output Current
(for each driver type)
4–4
mA
VOH =2.0V
VDD =3.0V
8–8
12
–12
IOL
Low-Level Output Current
(for each driver type)
44
mA
VOL =2.0V
VDD =3.0V
88
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com