Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 37Page - National Semiconductor (TI) CS9211 Datasheet HTML 38Page - National Semiconductor (TI) CS9211 Datasheet HTML 39Page - National Semiconductor (TI) CS9211 Datasheet HTML 40Page - National Semiconductor (TI) CS9211 Datasheet HTML 41Page - National Semiconductor (TI) CS9211 Datasheet HTML 42Page - National Semiconductor (TI) CS9211 Datasheet HTML 43Page - National Semiconductor (TI) CS9211 Datasheet HTML 44Page - National Semiconductor (TI) CS9211 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Revision 2.1
41
www.national.com
Register Descriptions (Continued)
Table 4-2. Configuration Registers
Bit
Name
Description
Offset 400h-403h
Panel Timing Register 1 (R/W)
Reset Value = 0000000h
31
RSVD
Reserved: This bit is not defined.
30
FP_VSYNC_POL
FP_VSYNC Input Polarity: Selects positive or negative polarity of the FP_VSYNC input signal (pin
99). Program this bit to match the polarity of the incoming FP_VSYNC signal. Note that Offset
404h[23] independently controls the polarity of the VSYNC output signal (pin 33).
0 = FP_VSYNC is normally low, transitioning high during sync interval (Default).
1 = FP_VSYNC is normally high, transitioning low during sync interval.
29
FP_HSYNC_POL
FP_HSYNC Input Polarity: Selects positive or negative polarity of the FP_HSYNC input (pin 97). Pro-
gram this bit to match the polarity of the incoming FP_HSYNC signal. Note that Offset 404h[22] inde-
pendently controls the polarity of the HSYNC output signal (pin 31).
0 = FP_HSYNC is normally low, transitioning high during sync interval (Default).
1 = FP_HSYNC is normally high, transitioning low during sync interval.
28
RSVD
Reserved: This bit is not defined.
27
HSYNC_SRC
TFT Horizontal Sync Source: Selects an internally generated or external pass-through source of the
TFT horizontal sync output on pin 31. The internally generated HSYNC pulse will be triggered by the
input HSYNC, but the output polarity, and leading and trailing edge positions are controlled by regis-
ters 404h[22] and 400h[7:0] respectively. The external mode will pass the input HSYNC pulse directly
to the output pin.
0 = Pass the input HSYNC directly onto the output LP/HSYNC pin (pin 31) (Default).
1 = Internally generate the output HSYNC using the leading/trailing edge bits [7:0] and the polarity bit
(Offset 404h[22]).
26:16
PAN_VSIZE
Panel Vertical Size: This field represents the panel vertical size in terms of scan lines. The value pro-
grammed should be equal to the panel size that is being connected.
This can be used only for DSTN/STN modes.
Example: 640x480 = 1E0h, 800x600 = 258h, and 1024x768 = 300h.
15:8
RSVD
Reserved: These bits are not defined.
7:5
HSYNC_LEADING
_EDGE
Horizontal Sync Leading Edge Position: Selects the position of the leading edge of the output
HSYNC pulse with respect to the rising edge of the modified input HSYNC pulse. The modified input
HSYNC pulse is that which has been inverted, or not inverted, by bit 29. The position is programmable
in steps of 1 DOTCLK, starting at 2 DOTCLOCKS and extending up to 8. Bit 27 must be set in order
for bits [7:5] to be recognized. Note that there are combinations of bits [7:5] and [4:0] that can result in
a zero- or negative-length pulse, for example if the trailing edge is positioned before the leading edge.
In this case, the output pulse will not be generated.
000 = No delay from the input HSYNC (Default).
001-111 = Position the HSYNC leading edge by 2 to 8 DOTCLKs with respect to the input HSYNC ris-
ing edge. Note that there is no setting for a position of 1 DOTCLOCK.
4:0
HSYNC_TRAILING
_EDGE
Horizontal Sync Trailing Edge Position: Selects the position of the trailing edge of the output
HSYNC pulse with respect to the rising edge of the modified input HSYNC pulse. The modified input
HSYNC pulse is that which has been inverted, or not inverted, by bit 29. The position is programmable
in steps of 1 DOTCLK, starting at 1 DOTCLOCK and extending up to 31. Bit 27 must be set in order
for bits [4:0] to be recognized. Note that there are combinations of bits [7:5] and [4:0] that can result in
a zero- or negative-length pulse, for example if the trailing edge is positioned before the leading edge.
In this case, the output pulse will not be generated.
00000 = Does not generate the HSYNC pulse if bit 27 = 0. (Default).
00001 - 11111 = The HSYNC trailing edge position can be varied from 1 to 31 DOTCLKs with respect
to the input HYSNC rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com