Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 7Page - National Semiconductor (TI) CS9211 Datasheet HTML 8Page - National Semiconductor (TI) CS9211 Datasheet HTML 9Page - National Semiconductor (TI) CS9211 Datasheet HTML 10Page - National Semiconductor (TI) CS9211 Datasheet HTML 11Page - National Semiconductor (TI) CS9211 Datasheet HTML 12Page - National Semiconductor (TI) CS9211 Datasheet HTML 13Page - National Semiconductor (TI) CS9211 Datasheet HTML 14Page - National Semiconductor (TI) CS9211 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Revision 2.1
11
www.national.com
Signal Definitions (Continued)
FLM
33
O
(8 mA)
Offset
404h[24] = 0
First Line Marker (SSTN/DSTN Panels)
This is the frame pulse for the flat panel data indicating a
display frame is about to start.
Depending on the type of panel being interfaced, this signal
can alsobereferred toasFPorFRAME.
VSYNC
Offset
404h[24] = 1
Vertical Sync (TFT Panels)
VSYNC is the vertical sync for active-matrix TFT panel. This
is a delayed version of the input VSYNC signal with the
appropriate pipeline delay relative to the pixel data on
UD[11:0] and LD[11:0].
If pin 33 is selected as VSYNC at Offset 404h[24], its polar-
ity is programmable through Offset 404h[23]:
0= Active high; 1 = Active low.
DISPOFF#
39
O
(8 mA)
---
Disables Backlight
When this output is asserted low, it turns the backlight off.
FP_VDDEN
34
O
(8 mA)
---
Controls LCD VDD FET
When this output is asserted high, VDD voltage is applied
to the panel. This signal is intended to control a power FET
to the LCD panel. The FET may be internal to the panel or
not, depending on the panel manufacturer
FP_VCONEN
35
O
(8 mA)
---
Controls LCD Bias Voltage Enable
When this output is asserted high, the contrast voltage is
applied to the panel. This signal should be connected
directly to the panel.
2.2.3
Flat Panel Interface Signals (Continued)
Signal Name
Pin No.
Type
(Drive)
Function
Selection
Description
2.2.4
Memory Interface Signals
Signal Name
Pin No.
Type
(Drive)
Description
MA[10:0]
135, 132,
134, 137,
139, 140,
141, 142,
143, 138,
136
O
(8 mA)
Memory Address Bus
These signals are the address bits to the external frame buffer. Ten bits are
used for EDO (Extended Data Out) DRAM and eleven bits are used for
SDRAM.
Row and column addresses are multiplexed on the same pins.
MD[15:0]
102, 104,
106, 110,
112, 114,
116, 118,
119, 117,
115, 113,
111, 107,
105, 103
I/O
(8 mA)
Memory Data Bus
These bidirectional signals are the external frame buffer data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com