Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9211 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS9211
Description  Geode CS9211 Graphics Companion Flat Panel Display Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS9211 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CS9211 Datasheet HTML 6Page - National Semiconductor (TI) CS9211 Datasheet HTML 7Page - National Semiconductor (TI) CS9211 Datasheet HTML 8Page - National Semiconductor (TI) CS9211 Datasheet HTML 9Page - National Semiconductor (TI) CS9211 Datasheet HTML 10Page - National Semiconductor (TI) CS9211 Datasheet HTML 11Page - National Semiconductor (TI) CS9211 Datasheet HTML 12Page - National Semiconductor (TI) CS9211 Datasheet HTML 13Page - National Semiconductor (TI) CS9211 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
www.national.com
10
Revision 2.1
Signal Definitions (Continued)
2.2.2
Serial Interface Signals
Signal Name
Pin No.
Type
(Drive)
Description
SCLK
40
I
Serial Interface Clock
This input signal is the clock for the serial control interface. Data is clocked in
and out on the rising edge. The other serial interface signals (SDIN, SCS,
and SDO) are synchronous to this signal.
SDIN
41
I
Serial Data Input
This is the data input line for the serial control interface. Input data is serial-
ized on this pin, including the command stream for register reads and writes.
SDO
42
O
(8 mA)
Serial Data Output
This is the data output line for the serial control interface. Output data is seri-
alized on this pin in response to register read commands.
SCS
43
I
Serial Chip Select
This active high chip select indicates when valid data is being clocked in or
out via the SDIN/SDO pins.
2.2.3
Flat Panel Interface Signals
Signal Name
Pin No.
Type
(Drive)
Function
Selection
Description
SHFCLK
30
O
(12
mA)
---
Panel Clock (Shift Clock)
This is the shift clock or pixel clock for the flat panel data.
This signal is used to clock pixel data into the LCD panel.
Depending on the type of panel being interfaced, this signal
can alsobereferred toasCL2 or SHIFT.
UD[11:0]
LD[11:0]
3:14
15, 16,
20:29
O
(8 mA)
---
Upper and Lower Scan Data
These outputs are the panel pixel data bus to the LCD
panel. The data format is dependent on the panel type
selected. Refer to Section 3.2.2 “Mode Selection” on page
19.
LDE
32
O
(8 mA)
Offset
404h[25] = 1
Flat Panel Display Enable (TFT Panels)
LDE is the display enable for active-matrix TFT panels and
is used to indicate the active pixel data on UD[11:0] and
LD[11:0].
LP
31
O
(8 mA)
Offset
404h[26] = 0
Latch Pulse (SSTN/DSTN Panels)
Latch Pulse is the line pulse or latch pulse for the flat panel
data, indicating that a display line is about to start.
Depending on the type of panel being interfaced, this signal
can alsobereferred toasCL1 or LINE.
HSYNC
Offset
404h[26] = 1
Horizontal Sync (TFT Panels)
HSYNC is the horizontal sync for the active-matrix TFT
panel. This is a delayed version of the input HSYNC signal
with the appropriate pipeline delay relative to the pixel data
on UD[11:0] and LD[11:0].
If pin 31 is set as HSYNC at Offset 404h[26], its polarity is
programmable through Offset 404h[22]:
0= Active high; 1 = Active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com