Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 10 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 10 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 6Page - Rohm BD9486F_16 Datasheet HTML 7Page - Rohm BD9486F_16 Datasheet HTML 8Page - Rohm BD9486F_16 Datasheet HTML 9Page - Rohm BD9486F_16 Datasheet HTML 10Page - Rohm BD9486F_16 Datasheet HTML 11Page - Rohm BD9486F_16 Datasheet HTML 12Page - Rohm BD9486F_16 Datasheet HTML 13Page - Rohm BD9486F_16 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Datasheet
Datasheet
10/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
○Pin 9: RT
This is the DC/DC switching frequency setting pin. DCDC frequency is decided
by connected resistor.
○
The relationship between the frequency and RT resistance value (ideal)
The oscillation setting ranges from 50kHz to 800kHz.
The setting example is separately described in the section ”3.2.5 DCDC
Oscillation Frequency Setting”
The fail logic indicating the abnormal state can be obtained by using the right
circuit example. The gate capacitor is limited to 200pF. We recommend
RE1C001VN for M1.The RT pin output the 2.0V(typ.) in the normal state and
drops to 0V in the latch off state. When REG50 reaches to 0V,there is a point
that FAIL output voltage is unstable, if this is a problem, please add C1 capacitor.
Please refer to section “2.7 Behavior List of the Protect Functions” or “3.5 Timing
Chart”.
○Pin 10: FB
This is the output terminal of error amplifier.
FB pin rises with the same slope as the SS pin during the soft-start period.
After soft -start completion (SS>3.7V), it operates as follows.
When PWM=H, it detects ISENSE terminal voltage and outputs error signal compared to analog dimming signal (ADIM).
It detects over boost (FBMAX) over FB=4.0V(typ). After the SS completion, if FB>4.0V and PWM=H continues 4clk GATE,
the CP charge starts. After that, only the FB>4.0V is monitored, if CP charge continues to the CP=3.0V, IC will be latched
off. (Please refer to section “3.5.6 Timing Chart”.)
The loop compensation setting is described in section "3.4 Loop Compensation".
○Pin 11: ISENSE
This is the input terminal for the current detection. Error amplifier compares the
lower one among 1/3 of the voltage terminal ADIM analog dimming and 1.0V(typ).
And it detects abnormal LED overcurrent at ISENSE=3.0V(typ) over. If GATE
terminal continues during four CLKs (equivalent to 40μs at fosc = 100kHz), it
becomes latch-off. (Please refer to section “3.5.7 Timing Chart”.)
ADIM[V]
0
3.0
1.0V
Gain=1/3
0.2
67mV
1.015V
3.3
Figure 13. Relationship of the feedback voltage and ADIM
Figure 14. ISENSE terminal circuit example
○Pin 12: GND
This is the GND pin of the IC.
 
]
k
[
]
kHz
[
f
R
SW
RT
15000
Figure 12. RT terminal circuit example
CH1:
STB
CH2:
REG50
CH3:
FAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com