Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 1 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 1 Page - Rohm

  BD9486F_16 Datasheet HTML 1Page - Rohm BD9486F_16 Datasheet HTML 2Page - Rohm BD9486F_16 Datasheet HTML 3Page - Rohm BD9486F_16 Datasheet HTML 4Page - Rohm BD9486F_16 Datasheet HTML 5Page - Rohm BD9486F_16 Datasheet HTML 6Page - Rohm BD9486F_16 Datasheet HTML 7Page - Rohm BD9486F_16 Datasheet HTML 8Page - Rohm BD9486F_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
○
Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
.
1/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
TSZ22111・14・001
www.rohm.com
LED Drivers for LCD Backlights
1ch Boost up type
White LED Driver for large LCD
BD9486F
1.1 General Description
BD9486F is a high efficiency driver for white LEDs and is
designed for large LCDs. BD9486F has a boost DCDC
converter that employs an array of LEDs as the light
source.
BD9486F has some protect functions against fault
conditions, such as over-voltage protection (OVP), over
current limit protection of DCDC (OCP), LED OCP
protection, and Over boost protection (FBMAX).
Therefore it is available for the fail-safe design over a
wide range output voltage.
Features
DCDC converter with current mode
VOUT discharge function at shutdown
LED protection circuit (Over boost protection, LED
OCP protection)
Over-voltage protection (OVP) for the output voltage
Vout
Adjustable soft start
Adjustable oscillation frequency of DCDC
Wide range of analog dimming 0.2V to 3.0V
UVLO detection for the input voltage of the power
stage
Applications
TV, Computer Display, LCD Backlighting
Key Specifications
Operating power supply voltage range:9.0V to 18.0V
Oscillator frequency of DCDC: 150kHz (RT=100kΩ)
Operating Current:
2.6mA(Typ.)
Operating temperature range:
-40°C to +85°C
1.2 Package(s)
W(Typ) x D(Typ) x H(Max)
SOP16
10.00mm x 6.20mm x 1.71mm
Pin pitch
1.27mm
Figure 1. SOP16
1.3 Typical Application Circuit(s)
Figure 2. Typical Application Circuit
Datasheet


Similar Part No. - BD9486F_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9486F-E2 ROHM-BD9486F-E2 Datasheet
896Kb / 37P
1ch Boost up type White LED Driver for large LCD
More results

Similar Description - BD9486F_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
White LED Driver for large LCD panel
BD9486F ROHM-BD9486F Datasheet
896Kb / 37P
1ch Boost up type White LED Driver for large LCD
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
White LED Driver for large LCD panel
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
1ch Boost up type White LED Driver for large LCD
BD9489F ROHM-BD9489F_16 Datasheet
1Mb / 40P
1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
1ch Boost up Type White LED Driver for large LCD
BM531Q11 ROHM-BM531Q11 Datasheet
1Mb / 24P
1ch Buck Type (Quasi-Resonant Control) White LED Driver for Large LCD
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
1ch Boost Up Type White LED Driver for Large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com