Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 18 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 18 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 14Page - Rohm BD9486F_16 Datasheet HTML 15Page - Rohm BD9486F_16 Datasheet HTML 16Page - Rohm BD9486F_16 Datasheet HTML 17Page - Rohm BD9486F_16 Datasheet HTML 18Page - Rohm BD9486F_16 Datasheet HTML 19Page - Rohm BD9486F_16 Datasheet HTML 20Page - Rohm BD9486F_16 Datasheet HTML 21Page - Rohm BD9486F_16 Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Datasheet
Datasheet
18/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●3.2.7 OVP Setting
The OVP terminal is the input for over-voltage protection of output voltage.
The OVP pin is high impedance, because the internal resistance is not connected to a certain bias.
Detection voltage of VOUT is set by dividing resistors R1 and R2. The resistor values can be calculated by the formula
below.
○OVP detection equation
If VOUT is boosted abnormally, VOVPDET, the detect
voltage of OVP, R1, R2 can be expressed by the following formula.
○OVP release equation
By using R1 and R2 in the above equation, the release voltage of
OVP, VOVPCAN can be expressed as follows.
【setting example】
If the normal output voltage, VOUT is 40V, the detect voltage of OVP is 48V, R2 is 10k ohm, R1 is calculated as follows.
By using these R1 and R2, the release voltage of OVP, VOVPCAN can be calculated as follows.
●3.2.8 Interval Until Latch Off Setting
About over boost protection (FBMAX), the capacitance value of CP terminal can set the time of latch-off. About the
behavior from abnormal detection to latch-off, please refer to the section “3.5.6 Timing Chart”.
The condition FB>4.0V(typ.) and PWM=H continues more than four GATE clocks, the CP terminal charge is started by
3μA. After that, only the FB voltage is monitored. As the CP voltage reaches to 3.0V(typ.), IC will be latched off.
The time LATCHTIME to reach to latch-off is set by CP terminal capacitance as follows.
【setting example】
If the capacitor of CP pin is 0.47μF, the timer latch interval is as follows.
Figure 27. OVP setting example
]
k
[
]
V
[
.
])
V
[
.
]
V
[
VOVP
(
]
k
[
R
R
DET
0
3
0
3
2
1
]
V
[
]
k
[
R
])
k
[
R
]
k
[
R
(
V
.
VOVP
CAN
2
2
1
8
2
]
k
[
]
V
[
])
V
[
]
V
[
(
]
k
[
]
V
[
.
])
V
[
.
]
V
[
VOVP
(
]
k
[
R
R
DET
 
150
3
3
48
10
0
3
0
3
2
1
]
V
[
.
]
V
[
]
k
[
]
k
[
]
k
[
]
V
[
.
]
k
[
R
])
k
[
R
]
k
[
R
(
]
V
[
.
VOVP
CAN
 
 
8
44
10
150
10
8
2
2
2
1
8
2
 
 
 
 
[sec]
]
A
[
.
]
V
[
.
]
F
[
C
LATCH
CP
TIME
0
3
0
3
 
 
 
 
 
 
sec]
m
[
]
A
[
.
]
V
[
.
]
F
[
.
LATCH
TIME
470
0
3
0
3
47
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com