Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 29 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 29 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 25Page - Rohm BD9486F_16 Datasheet HTML 26Page - Rohm BD9486F_16 Datasheet HTML 27Page - Rohm BD9486F_16 Datasheet HTML 28Page - Rohm BD9486F_16 Datasheet HTML 29Page - Rohm BD9486F_16 Datasheet HTML 30Page - Rohm BD9486F_16 Datasheet HTML 31Page - Rohm BD9486F_16 Datasheet HTML 32Page - Rohm BD9486F_16 Datasheet HTML 33Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Datasheet
Datasheet
29/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
3.5.7 LED OCP Detection
STB
3.0V
Abnormal
COUNTOR
ISENSE
SS
GATE
DIMOUT
Smaller than
4count
4count
4count
NORMAL
LEDOCP
(OFF)
NORMAL
abnormal
Reset
(*1)
(*2)
(*3)
(*4) (*5)
NORMAL
Latch off
STATE
(*6)
(*7)
(*8)
abnormal
abnormal
LEDOCP
LEDOCP
PWM
0.4V
3.0V
3.0V
3.0V
3.0V
3.0V
Latch off
RT
2.0V
REG50
Figure 38. LED OCP Detection
(*1)…If ISENSE>3.0V, LEDOCP is detected, and GATE becomes L. To detect LEDOCP continuously, The DIMOUT is
compulsorily high, regardless of the PWM dimming signal.
(*2)…When the LEDOCP releases within 4 counts of the GATE frequency, the boost operation restarts.
(*3) …As the LEDOCP is detected again, the boost operation is stopped.
(*4)…If the LEDOCP detection continues up to 4 counts of GATE frequency. IC will be latched off.
(*5)…Once IC is latched off, the boost operation doesn't restart even if the LEDOCP releases.
(*6)…The latch off state can be reset by the STB=L.
(*7)…It normally starts by STB=L to H.
(*8)…The operation of the LEDOCP detection is not related to the logic of the PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com