Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 17 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 17 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 13Page - Rohm BD9486F_16 Datasheet HTML 14Page - Rohm BD9486F_16 Datasheet HTML 15Page - Rohm BD9486F_16 Datasheet HTML 16Page - Rohm BD9486F_16 Datasheet HTML 17Page - Rohm BD9486F_16 Datasheet HTML 18Page - Rohm BD9486F_16 Datasheet HTML 19Page - Rohm BD9486F_16 Datasheet HTML 20Page - Rohm BD9486F_16 Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Datasheet
Datasheet
17/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●3.2.6 UVLO Setting
Under Voltage Lock Out pin is the input voltage of the power stage. IC starts boost operation if UVLO is more than
3.0V(typ.) and stops if lower than 2.7V(typ.).
The UVLO pin is high impedance, because the internal resistance is not connected to a certain bias.
So, the bias by the external components is required, because the open connection of this pin is not a fixed potential.
Detection voltage is set by dividing resistors R1 and R2. The resistor values can be calculated by the formula below.
○UVLO detection equation
As VIN decreases, R1 and R2 values are set in the following formula by the VINDET that UVLO detects.
○UVLO release equation
R1 and R2 setting is decided by the equation above. The equation of UVLO
release voltage is as follows.
【setting example】
If the normal input voltage, VIN is 24V, the detect voltage of UVLO is 18V, R2 is
30kΩ, R1 is calculated as follows.
By using these R1 and R2, the release voltage of UVLO, VINCAN, can be calculated too as follows.
]
V
[
]
Ω
k
[
2
R
])
Ω
k
[
2
R
]
Ω
k
[
1
R
(
V
0
.
3
VINCAN
]
Ω
k
[
]
V
[
7
.
2
])
V
[
7
.
2
]
V
[
VIN
(
]
Ω
k
[
2
R
1
R
DET
]
k
[
.
]
V
[
.
])
V
[
.
]
V
[
(
]
k
[
]
V
[
.
])
V
[
.
]
V
[
VIN
(
]
k
[
R
R
DET
0
170
7
2
7
2
18
30
7
2
7
2
2
1
]
V
[
.
]
V
[
]
k
[
]
k
[
]
k
[
]
V
[
.
]
k
[
R
])
k
[
R
]
k
[
R
(
]
V
[
.
VIN
CAN
0
20
30
30
170
0
3
2
2
1
0
3
 
Figure 26. UVLO setting example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com