Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 2 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 2 Page - Rohm

  BD9486F_16 Datasheet HTML 1Page - Rohm BD9486F_16 Datasheet HTML 2Page - Rohm BD9486F_16 Datasheet HTML 3Page - Rohm BD9486F_16 Datasheet HTML 4Page - Rohm BD9486F_16 Datasheet HTML 5Page - Rohm BD9486F_16 Datasheet HTML 6Page - Rohm BD9486F_16 Datasheet HTML 7Page - Rohm BD9486F_16 Datasheet HTML 8Page - Rohm BD9486F_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Datasheet
Datasheet
2/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●1.4 Absolute Maximum Ratings
(Ta=25°C)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
Vccmax
20
V
STB, OVP, UVLO, PWM, ADIM
Terminal Voltage
STB, OVP, UVLO,
PWM, ADIM
20
V
SS, RT, ISENSE, FB, CS, CP,
REG50 Terminal Voltage
SS, RT, ISENSE, FB, CS,
CP, REG50
7
V
DIMOUT, GATE Terminal
Voltage
DIMOUT, GATE
VCC
V
Power Dissipation
Pd
625
(Note 1)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Junction Temperature
Tjmax
150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
(Note 1) In the case of mounting 1 layer glass epoxy base-plate of 70mm×70mm×1.6mm, derate by 5.0mW/°C when operating above
Ta=25°C.
●1.5 Operating Ratings
Parameter
Symbol
Range
Unit
Power Supply Voltage
VCC
9.0 to 18.0
V
DC/DC Oscillation Frequency
fsw
50 to 800
kHz
Effective Range of ADIM Signal
VADIM
0.2 to 3.0
V
PWM Input Frequency
FPWM
90 to 2000
Hz
●1.6 External Components Recommended Range
Parameter
Symbol
Range
Unit
REG50 Connection Capacitance
CREG50
0.5 to 10
(Note 2)
μF
SS Connection Capacitance
CSS
0.001 to 2.2
(Note 2)
μF
RT Connection Resistance
RRT
15 to 300
kΩ
GATE Drive Capacitance
CGATE
to 1000
pF
(Note 2) Please set connection capacitance above Min value of Recommended Range according to temperature characteristic
and DC bias characteristic.
●1.7 Pin Configuration
●1.8 Physical Dimension and Marking Diagram
Figure 3. Pin Configuration
Figure4. Physical Dimension and Marking Diagram of SOP16
BD9486F
Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com