Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 23 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 23 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 19Page - Rohm BD9486F_16 Datasheet HTML 20Page - Rohm BD9486F_16 Datasheet HTML 21Page - Rohm BD9486F_16 Datasheet HTML 22Page - Rohm BD9486F_16 Datasheet HTML 23Page - Rohm BD9486F_16 Datasheet HTML 24Page - Rohm BD9486F_16 Datasheet HTML 25Page - Rohm BD9486F_16 Datasheet HTML 26Page - Rohm BD9486F_16 Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Datasheet
Datasheet
23/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●3.5.Timing Chart
3.5.1 PWM Start up 1 (Input PWM Signal After Input STB Signal)
VCC
7.5V
STB
GATE
(*2)
(*3)
(*4)
(*5)
PWM
REG50
2.6V
SS
3.7V
OFF
SS
Normal
STANDBY
SS
STANDBY
0.4V
0.4V
(*1)
(*6)
RT
2.0V
STATE
Figure 32. PWM Start up 1 (Input PWM Signal After Input STB Signal)
(*1)…REG50 starts up when STB is changed from Low to High. In the state where the PWM signal is not inputted, SS terminal
is not charged and DCDC doesn’t start to boost, either.
(*2)…When REG50 is more than 2.6V, the reset signal is released.
(*3)…The charge of the pin SS starts at the positive edge of PWM=L to H, and the soft start starts. The GATE pulse outputs only
during the corresponding PWM=H. And while the SS is less than 0.4V, the pulse does not output. The pin SS continues
charging in spite of the assertion of PWM or OVP level.
(*4)…The soft start interval will end if the voltage of the pin SS, Vss reaches 3.7V. By this time, it boosts VOUT to the voltage
where the set LED current flows. The abnormal detection of FBMAX starts to be monitored.
(*5)…As STB=L, the boost operation is stopped instantaneously. (Discharge operation continues in the state of STB=L and
REGUVLO=L. Please refer to section 3.5.3)
(*6)…In this diagram, before the charge period is completed, STB is changed to High again. As STB=H again, the boost
operation restarts the next PWM=H. It is the same operation as the timing of (*2). (For capacitance setting of SS terminal,
please refer to section 3.2.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com