Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 14 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 14 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 10Page - Rohm BD9486F_16 Datasheet HTML 11Page - Rohm BD9486F_16 Datasheet HTML 12Page - Rohm BD9486F_16 Datasheet HTML 13Page - Rohm BD9486F_16 Datasheet HTML 14Page - Rohm BD9486F_16 Datasheet HTML 15Page - Rohm BD9486F_16 Datasheet HTML 16Page - Rohm BD9486F_16 Datasheet HTML 17Page - Rohm BD9486F_16 Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Datasheet
Datasheet
14/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●3.2 External Components Selection
●3.2.1 Start Up Operation and Soft Start External Capacitance Setting
The below explanation is the start up sequence of this IC
Figure 20. Startup waveform
Figure 21. Circuit behavior at startup
○Explanation of start up sequence
1. Reference voltage REF50 starts by STB=H.
2. SS starts to charge at the time of first PWM=H. At this moment, the SS voltage of slow-start starts to equal FB
voltage,and the circuit becomes FB=SS regardless of PWM logic.
3. When FB=SS reaches the lower point of internal sawtooth waveform, GATE terminal outputs pulse and starts to boost
VOUT.
4. It boosts VOUT and VOUT reaches the voltage to be able to flow LED current.
5. If LED current flows over decided level, FB=SS circuit disconnects and startup behavior completes.
6. Then it works normal operation by feedback of ISENSE terminal. If LED current doesn't flow when SS becomes over
3.7V, SS=FF circuit completes forcibly and FBMAX protection starts.
○Method of setting SS external capacitance
According to the sequence described above, start time Tss that startup completes with FB=SS condition is the time that
FB voltage reaches the feedback point.
The capacitance of SS terminal is defined as Css and the feedback voltage of FB terminal is defined as VFB. The
equality on TFB is as follows.
If Css is set to a very small value, rush current flows into the inductor at startup.
On the contrary, if Css is enlarged too much, LED will light up gradually.
Since Css differs in the constant set up with the characteristic searched for and differs also by factors, such as a voltage
rise ratio, an output capacitance, DCDC frequency, and LED current, please confirm with the system.
【Setting example】
When Css=0.1μF,Iss=3μA,and startup completes at VFB=3.7V, SS setting time is as follows.
[sec]
]
A
μ
[
3
]
V
[
VFB
]
F
μ
[
C
T
ss
ss
 
 
[sec]
123
.
0
]
A
[
10
3
]
V
[
7
.
3
]
F
[
10
1
.
0
T
6
6
ss
 
 
 
 
STB
SS
SLOPE
PWM
GATE
VOUT
ILED
LED_OK
FB
OSC
2
1
3
4
5
6
LED_OK
SS=FB
Circuit
SS
FB
5V
OSC
DRIVER
COMP
GATE
DIMOUT
VOUT
PWM
Css
ISENSE
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com