Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 28 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 28 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 24Page - Rohm BD9486F_16 Datasheet HTML 25Page - Rohm BD9486F_16 Datasheet HTML 26Page - Rohm BD9486F_16 Datasheet HTML 27Page - Rohm BD9486F_16 Datasheet HTML 28Page - Rohm BD9486F_16 Datasheet HTML 29Page - Rohm BD9486F_16 Datasheet HTML 30Page - Rohm BD9486F_16 Datasheet HTML 31Page - Rohm BD9486F_16 Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Datasheet
Datasheet
28/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
3.5.6 FBMAX Detection
STB
GATE
FB
4.0V
① ②
CP
SS
3.7V
RT
SS
CP COUNTOR
NORMAL
SS
STATE
latch
off
STANDBY
STANDBY
・・・・・
・・・・・
(*1)
(*2)
(*3)
(*4)
(*5)
(*6)
(*7)
PWM
4.0V
3.0V
④
③
2.0V
REG50
Figure 37. FBMAX Detection
(*2)…During the soft start, it is not judged to the abnormal state even if the FB=H(FB>4.0V).
(*3)…When the PWM=H and FB=H, the abnormal counter doesn’t start immediately.
(*4)…The CP charge will start if the PWM=H and the FB=H detection continues up to 4 clocks of the GATE frequency. Once the
count starts, only FB level is monitored.
(*5)…When the FBMAX detection continues till the CP charge reaches 3.0V, IC will be latched off. The latch off interval can be
calculated by the external capacitance of CP pin. (Please refer to section 3.2.8.)
(*6)…The latch off state can be reset by the STB=L.
(*7)…It is normally started by PWM=L to H, in this figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com