Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 34 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 34 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 30Page - Rohm BD9486F_16 Datasheet HTML 31Page - Rohm BD9486F_16 Datasheet HTML 32Page - Rohm BD9486F_16 Datasheet HTML 33Page - Rohm BD9486F_16 Datasheet HTML 34Page - Rohm BD9486F_16 Datasheet HTML 35Page - Rohm BD9486F_16 Datasheet HTML 36Page - Rohm BD9486F_16 Datasheet HTML 37Page - Rohm BD9486F_16 Datasheet HTML 38Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Datasheet
Datasheet
34/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
Revision History
Date
Revision
Changes
12.Jul.2013
001
New Release
09.Sep.2013
002
p.4 delete
REG50_UVLO_Hysteresis item
p.4 modify REG50 Discharge Current limits
Min. 4.95uA -> 3.0uA Typ. 5.00uA -> 5.0uA Max. 5.05uA -> 7.0uA
19.Nev.2013
003
p.3 Circuit Current (Icc) add condition
GATE=L,IREG50=0mA
p.6 2.2 Pin ESD Type add REG50 schematic (PWM sch. Is moved to STB sch.)
p.10 Pin Description Pin11 ISENSE sentence ADIM analog dimming and 3.0V(typ)
→
ADIM analog dimming and 1.0V(typ)
Figure.13 modify schematic (add ADIM=3.3V)
13.Feb.2014
004
p.11 Modify DIMOUT explanation to ” the output H level is VCC”.
Modify GATE explanation to ” The high level is VCC”.
Modify the figure.15 of DIMOUT terminal circuit example.
01.Sep.2014
005
p.15 3.2.3 VCC Series Resistance Setting
add explanation
p.16 modify equation
15.Feb.2016
006
p.2
add 1.6 External Components Recommended Range
Pin Configuration 1.6→1.7
Physical Dimension and Marking Diagram 1.7→1.8
p.3
Electrical Characteristics 1.8→1.9
p.4
Electrical Characteristics 1.8→1.9
p.15 add REG50 capacitance setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com