Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 3 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 3 Page - Rohm

  BD9486F_16 Datasheet HTML 1Page - Rohm BD9486F_16 Datasheet HTML 2Page - Rohm BD9486F_16 Datasheet HTML 3Page - Rohm BD9486F_16 Datasheet HTML 4Page - Rohm BD9486F_16 Datasheet HTML 5Page - Rohm BD9486F_16 Datasheet HTML 6Page - Rohm BD9486F_16 Datasheet HTML 7Page - Rohm BD9486F_16 Datasheet HTML 8Page - Rohm BD9486F_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Datasheet
Datasheet
3/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
●1.9 Electrical Characteristics
(Unless otherwise specified, Ta=25°C,VCC=12V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
【Total Current Consumption】
Circuit Current
Icc
-
2.6
5.2
mA
VSTB=3.0V, PWM=3.0V,
GATE=L,IREG50=0mA
Circuit Current (standby)
IST
-
40
80
μA
VSTB=0V
【UVLO Block】
Operation Voltage(VCC)
VUVLO_VCC
6.5
7.5
8.5
V
VCC=SWEEP UP
Hysteresis Voltage(VCC)
VUHYS_VCC
150
300
600
mV
VCC=SWEEP DOWN
UVLO Release Voltage
VUVLO
2.88
3.00
3.12
V
VUVLO=SWEEP UP
UVLO Hysteresis Voltage
VUHYS
250
300
350
mV
VUVLO=SWEEP DOWN
UVLO Pin Leak Current
UVLO_LK
-2
0
2
μA
VUVLO=4.0V
【DC/DC Block】
ISENSE Threshold Voltage 1
VLED1
0.225
0.233
0.242
V
VADIM=0.7V
ISENSE Threshold Voltage 2
VLED2
0.656
0.667
0.677
V
VADIM=2.0V
ISENSE Threshold Voltage 3
VLED3
0.988
1.000
1.012
V
VADIM=3.0V
ISENSE Clamp Voltage
VLED4
0.989
1.015
1.040
V
VADIM=3.3V
(at masked analog dimming)
Oscillation Frequency
FCT
142.5
150
157.5
KHz
RT=100kΩ
RT Short Protection Range
RT_DET
-0.3
-
VRT
×90%
V
RT=SWEEP DOWN
RT Terminal Voltage
VRT
1.6
2.0
2.4
V
RT=100kΩ
RT Pin ON Resistance at OFF
RRT_L
-
2.0
4.0
kΩ
At latch off
GATE Pin MAX DUTY Output
MAX_DUTY
90
95
99
%
RT=100kΩ
GATE Pin ON Resistance
(as source)
RONSO
2.5
5.0
10.0
Ω
GATE Pin ON Resistance
(as sink)
RONSI
2.0
4.0
8.0
Ω
SS Pin Source Current
ISSSO
-3.75
-3.0
-2.25
μA
VSS=2.0V
SS Pin ON Resistance at OFF
RSS_L
-
3.0
5.0
kΩ
Soft Start Ended Voltage
VSS_END
3.52
3.70
3.88
V
SS=SWEEP UP
FB Source Current
IFBSO
-115
-100
-85
μA
VISENSE=0.2V, VADIM=3.0V,
VFB=1.0V
FB Sink Current
IFBSI
85
100
115
μA
VISENSE=2.0V, VADIM=3.0V,
VFB=1.0V
OCP Detect Voltage
VCS
360
400
440
mV
CS=SWEEP UP
OCP Latch Off Detect Voltage
VCS
0.85
1.00
1.15
V
CS=SWEEP UP
【DC/DC Protection Block】
OVP Detect Voltage
VOVP
2.88
3.00
3.12
V
VOVP SWEEP UP
OVP Detect Hysteresis
VOVP_HYS
150
200
250
mV
VOVP SWEEP DOWN
OVP Pin Leak Current
OVP_LK
-2
0
2
μA
VOVP=4.0V, VSTB=3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com