Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 24 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 24 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 20Page - Rohm BD9486F_16 Datasheet HTML 21Page - Rohm BD9486F_16 Datasheet HTML 22Page - Rohm BD9486F_16 Datasheet HTML 23Page - Rohm BD9486F_16 Datasheet HTML 24Page - Rohm BD9486F_16 Datasheet HTML 25Page - Rohm BD9486F_16 Datasheet HTML 26Page - Rohm BD9486F_16 Datasheet HTML 27Page - Rohm BD9486F_16 Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Datasheet
Datasheet
24/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
3.5.2 PWM Start Up 2 (Input STB Signal after Inputted PWM Signal)
Figure 33. PWM Start Up 2 (Input STB Signal after Inputted PWM Signal)
(*1)…REG50 starts up when STB=H.
(*2)…When REG50UVLO releases or PWM is inputted to the edge of PWM=L→H, SS charge starts and soft start period is
started. The GATE pulse outputs only during the corresponding PWM=H. And while the SS is less than 0.4V, the pulse
does not output. The pin SS continues charging in spite of the assertion of PWM or OVP level.
(*3)…The soft start interval will end if the voltage of the pin SS, Vss reaches 3.7V. By this time, it boosts VOUT to the point where
the set LED current flows. The abnormal detection of FBMAX starts to be monitored.
(*4)…As STB=L, the boost operation is stopped instantaneously (GATE=L, SS=L). (Discharge operation works in the state of
STB=L and REG50UVLO=H. Please refer to section 3.5.3)
(*5)…In this diagram, before the discharge period is completed, STB is changed to High again. As STB=H again, operation will
be the same as the timing of (*1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com