Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9486F Datasheet(PDF) 21 Page - Rohm

Part # BD9486F
Description  1ch Boost up type White LED Driver for large LCD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9486F Datasheet(HTML) 21 Page - Rohm

Back Button BD9486F_16 Datasheet HTML 17Page - Rohm BD9486F_16 Datasheet HTML 18Page - Rohm BD9486F_16 Datasheet HTML 19Page - Rohm BD9486F_16 Datasheet HTML 20Page - Rohm BD9486F_16 Datasheet HTML 21Page - Rohm BD9486F_16 Datasheet HTML 22Page - Rohm BD9486F_16 Datasheet HTML 23Page - Rohm BD9486F_16 Datasheet HTML 24Page - Rohm BD9486F_16 Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Datasheet
Datasheet
21/34
TSZ02201-0F1F0C100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.006
www.rohm.com
TSZ22111・15・001
BD9486F
3.3.2. Inductor Selection
The inductor value affects the input ripple current. As shown in section 3.3.1,
Where
L: coil inductance [H]
VOUT: DCDC output voltage [V]
VIN: input voltage [V]
IOUT: output load current (the summation of LED current) [A]
IIN: input current [A]
fSW: oscillation frequency [Hz]
In continuous current mode, ⊿IL is set to 30% to 50% of the output load current in many cases.
In using smaller inductor, the boost is operated by the discontinuous current mode in which the coil current returns to
zero at every period.
*The current exceeding the rated current value of inductor flown through the coil causes magnetic saturation, results in
decreasing in efficiency. Inductor needs to be selected to have such adequate margin that peak current does not
exceed the rated current value of the inductor.
*To reduce inductor loss and improve efficiency, inductor with low resistance components (DCR, ACR) needs to be
selected
3.3.3. Output Capacitance Cout Selection
Output capacitor needs to be selected in consideration of equivalent series resistance
required to even the stable area of output voltage or ripple voltage. Be aware that set
LED current may not be flown due to decrease in LED terminal voltage if output ripple
component is high.
Output ripple voltage VOUT is determined by Equation (4):
(4)
]
V
[
R
IL
Vout
ESR
 ・・・・・  
 
Δ
Δ
When the coil current is charged to the output capacitor as MOS turns off, much output
ripple is caused. Much ripple voltage of the output capacitor may cause the LED current
ripple.
* Rating of capacitor needs to be selected to have adequate margin against output voltage.
*To use an electrolytic capacitor, adequate margin against allowable current is also necessary. Be aware that the LED
current is larger than the set value transitionally in case that LED is provided with PWM dimming especially.
3.3.4. MOSFET Selection
There is no problem if the absolute maximum rating is larger than the rated current of the inductor L, or is larger than
the sum of the tolerance voltage of COUT and the rectifying diode VF. The product with small gate capacitance (injected
charge) needs to be selected to achieve high-speed switching.
* One with over current protection setting or higher is recommended.
* The selection of one with small on resistance results in high efficiency.
3.3.5. Rectifying Diode Selection
A schottky barrier diode which has current ability higher than the rated current of L, reverse voltage larger than the
tolerance voltage of COUT, and low forward voltage VF especially needs to be selected.
]
A
[
]
Hz
[
f
]
V
[
V
]
H
[
L
]
V
[
V
])
V
[
V
]
V
[
V
(
IL
SW
OUT
IN
IN
OUT
Δ
]
A
[
]
A
[
IL
]
A
[
I
Ipeak
IN
2
]
A
[
[%]
]
V
[
V
]
A
[
I
]
V
[
V
I
IN
OUT
OUT
IN
Figure 29. Inductor current waveform and diagram
Figure 30. Output capacitor diagram
ΔIL
V
OUT
V
IN
C
OUT
R
CS
L
R
ESR
I
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com