Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 110Page - STMicroelectronics ST72774 Datasheet HTML 111Page - STMicroelectronics ST72774 Datasheet HTML 112Page - STMicroelectronics ST72774 Datasheet HTML 113Page - STMicroelectronics ST72774 Datasheet HTML 114Page - STMicroelectronics ST72774 Datasheet HTML 115Page - STMicroelectronics ST72774 Datasheet HTML 116Page - STMicroelectronics ST72774 Datasheet HTML 117Page - STMicroelectronics ST72774 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 144 page
background image
ST72774/ST727754/ST72734
114/144
DDC INTERFACE (Cont’d)
DDC1/2B CONTROL REGISTER (DCR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = Reserved.
Forced by hardware to 0.
Bit 5 = EDF
End of Download interrupt Flag.
This bit is set by hardware and cleared by
software.
0: Download not started or not completed yet.
1: Download completed. Last byte of data struc-
ture (relative address 7Fh or FFh) has been
stored in RAM.
Bit 4 = EDE
End of Download interrupt Enable.
This bit is set and cleared by software.
0: Interrupt disabled.
1: A DDC1/2B interrupt is generated if EDF bit is
set.
Bits 6, 3:2 = CF[2:0]
Configuration bits.
These bits are set and cleared by software only
when the peripheral is disabled (HWPE = 0). They
define which EDID structure version is used and
which Device Addresses are recognized as shown
in the following table:
Bit 1 = WP
Write Protect.
This bit is set and cleared by software.
0: Enable writes to the RAM.
1: Disable DMA write transfers and protect the
RAM content. CPU writes to the RAM are not
affected.
Bit 0= HWPE
Peripheral Enable.
This bit is set and cleared by software.
0: Release the SDA port pin and ignore Vsync
and SCL port pins. The other bits of the DCR
and the content of the AHR are left un-
changed.
1: Enable the DDC Interface and respond to the
DDC1/DDC2B protocol.
ADDRESS POINTER HIGH REGISTER (AHR)
Read / Write
Reset Value: see Register Map
AHR contains the 8 MSB’s of the 16-bit address
pointer. It therefore defines the location of the 256-
byte block containing the data structure within the
CPU address space.
Note: AHR0 is ignored when CF[1:0] = 10 (P&D+ v2
mode) to allow non-overlapping 128-byte and 256-
byte data structures.
70
0
CF2
EDF
EDE
CF1
CF0
WP
HWPE
70
MSB
LSB
CF[2:0] Bit
Values
EDID version used
DDC1 Mode support / Transition Mode support
DDC2B Addresses Recognized
000
DDC v2
Yes (128b EDID) / Yes
128b-EDID
@A0h/A1h
001
P&D
No
256b-EDID
@ A2h/A3h
010
v2 + P&D
Yes (128b EDID) / Yes
128b-EDID
@A0h/A1h
256b-EDID
@ A2h/A3h
011
FPDI-2
No
256b-EDID
@ A6h/A7h
100
DDC v2
No
128b-EDID
@A0h/A1h
101
Reserved
d sd
110
v2 + P&D
No
128b-EDID
@A0h/A1h
256b-EDID
@ A2h/A3h
111
Reserved
d sd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com