Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 113Page - STMicroelectronics ST72774 Datasheet HTML 114Page - STMicroelectronics ST72774 Datasheet HTML 115Page - STMicroelectronics ST72774 Datasheet HTML 116Page - STMicroelectronics ST72774 Datasheet HTML 117Page - STMicroelectronics ST72774 Datasheet HTML 118Page - STMicroelectronics ST72774 Datasheet HTML 119Page - STMicroelectronics ST72774 Datasheet HTML 120Page - STMicroelectronics ST72774 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 144 page
background image
ST72774/ST727754/ST72734
117/144
PWM/BRM Outputs (Cont’d)
PWM/BRM Outputs
The PWM/BRM outputs are assigned to dedicated
pins.
The RC filter time must be higher than TCPUx64.
Figure 70. Typical PWM Output Filter
Table 27. 6-Bit PWM Ripple After Filtering
With RC filter (R=1K
Ω),
fCPU = 8 MHz
VDD = 5V
PWM Duty Cycle 50%
R=Rext.
Figure 71. PWM Simplified Voltage Output After Filtering
Cext
OUTPUT
VOLTAGE
STAGE
OUTPUT
Rext
Cext (µF)
V RIPPLE (mV)
0.128
78
1.28
7.8
12.8
0.78
V
DD
0V
0V
DD
V
Vripple (mV)
V
OUTAVG
"CHARGE"
"DISCHARGE"
"CHARGE"
"DISCHARGE"
0V
V
V
0V
OUTAVG
V
(mV)
ripple
V
VR01956
"CHARGE"
"DISCHARGE"
"CHARGE"
"DISCHARGE"
PWMOUT
DD
DD
PWMOUT
OUTPUT
VOLTAGE
OUTPUT
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com