Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72774 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 114Page - STMicroelectronics ST72774 Datasheet HTML 115Page - STMicroelectronics ST72774 Datasheet HTML 116Page - STMicroelectronics ST72774 Datasheet HTML 117Page - STMicroelectronics ST72774 Datasheet HTML 118Page - STMicroelectronics ST72774 Datasheet HTML 119Page - STMicroelectronics ST72774 Datasheet HTML 120Page - STMicroelectronics ST72774 Datasheet HTML 121Page - STMicroelectronics ST72774 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 144 page
background image
ST72774/ST727754/ST72734
118/144
PWM/BRM GENERATOR (Cont’d)
BRM Generation
The BRM bits allow the addition of a pulse to widen
a standard PWM pulse for specific PWM cycles.
This has the effect of “fine-tuning” the PWM Duty
cycle (without modifying the base duty cycle), thus,
with the external filtering, providing additional fine
voltage steps.
The incremental pulses (with duration of TCPU) are
added to the beginning of the original PWM pulse.
The PWM intervals which are added to are
specified in the 4-bit BRM register and are
encoded as shown in the following table. The BRM
values shown may be combined together to
provide a summation of the incremental pulse
intervals specified.
The pulse increment corresponds to the PWM
resolution.
For example,if
– Data 18h is written to the PWM register
– Data 06h (00000110b) is written to the BRM reg-
ister
– with a 8MHz internal clock (125ns resolution)
Then 3.0
µs-long pulse will be output at 8 µs
intervals,
except
for
cycles
numbered
2,4,6,10,12,14, where the pulse is broadened to
3.125
µs.
Note: If 00h is written to both PWM and BRM registers,
the generator output will remain at “0”. Conversely,
if both registers hold data 3Fh and 0Fh, respective-
ly, the output will remain at “1” for all intervals #1 to
#15, but it will return to zero at interval #0 for an
amount of time corresponding to the PWM resolu-
tion (TCPU).
An output can be set to a continuous “1” level by
clearing the PWM and BRM values and setting
POL = “1” (inverted polarity) in the PWM register.
This allows a PWM/BRM channel to be used as an
additional I/O pin if the DAC function is not
required.
Table 28. Bit BRM Added Pulse Intervals
(Interval #0 not selected).
Figure 72. BRM pulse addition (PWM > 0)
BRM 4 - Bit Data
Incremental Pulse Intervals
0000
none
0001
i = 8
0010
i = 4,12
0100
i = 2,6,10,14
1000
i = 1,3,5,7,9,11,13,15
TCPU x 64
TCPU x 64
TCPU x 64
T
CPU x 64 increment
m = 1
m = 0
m = 2
T
CPU x 64
m = 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com