Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 28Page - PMC-Sierra, Inc PM5347 Datasheet HTML 29Page - PMC-Sierra, Inc PM5347 Datasheet HTML 30Page - PMC-Sierra, Inc PM5347 Datasheet HTML 31Page - PMC-Sierra, Inc PM5347 Datasheet HTML 32Page - PMC-Sierra, Inc PM5347 Datasheet HTML 33Page - PMC-Sierra, Inc PM5347 Datasheet HTML 34Page - PMC-Sierra, Inc PM5347 Datasheet HTML 35Page - PMC-Sierra, Inc PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
16
Pin Name
Type
Pin
No.
Function
TXD+
TXD-
Output
126
127
The transmit differential data outputs (TXD+, TXD-
) contain the transmit stream. TXD+/- is updated
on the falling edge of TXC+/-
TXC+
TXC-
Output
124
125
The transmit clock (TXC+, TXC-) outputs are
available when the transmit data rate is 51.84
Mbit/s. TXD+/- is updated on the falling edge of
TXC+ and on the rising edge of TXC-. When
STS-3c (STM-1) is selected, TXC+ is held low and
TXC- is held high.
TATP
Analog
114
This analog test point (TATP) is provided for
production test purposes. Connect this pin to
ground.
GROCLK
Output
187
The generated receive clock (GROCLK) is
nominally a 6.48 MHz or 19.44 MHz, 50% duty
cycle clock. Receive outputs that are timed from
the line are updated with timing aligned to
GROCLK.
When configured for receive clock recovery
(RBYP low), GROCLK is the recovered line clock
divided down by 8.
When receive clock recovery is bypassed (RBYP
high), GROCLK is equal to RRCLK+/- divided
down by 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com