Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 65Page - PMC-Sierra, Inc PM5347 Datasheet HTML 66Page - PMC-Sierra, Inc PM5347 Datasheet HTML 67Page - PMC-Sierra, Inc PM5347 Datasheet HTML 68Page - PMC-Sierra, Inc PM5347 Datasheet HTML 69Page - PMC-Sierra, Inc PM5347 Datasheet HTML 70Page - PMC-Sierra, Inc PM5347 Datasheet HTML 71Page - PMC-Sierra, Inc PM5347 Datasheet HTML 72Page - PMC-Sierra, Inc PM5347 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
provides a four cell deep receive FIFO. This FIFO is used to separate the
STS-3c/1 (STM-1) line timing from the higher layer ATM system timing.
Cell Delineation
Cell Delineation is the process of framing to ATM cell boundaries using the
header check sequence (HCS) field found in the cell header. The HCS is a
CRC-8 calculation over the first 4 octets of the ATM cell header. When
performing delineation, correct HCS calculations are assumed to indicate cell
boundaries. Cells are assumed to be byte-aligned to the synchronous payload
envelope. The cell delineation algorithm searches the 53 possible cell boundary
candidates individually to determine the valid cell boundary location. While
searching for the cell boundary location, the cell delineation circuit is in the
HUNT state. When a correct HCS is found, the cell delineation state machine
locks on the particular cell boundary, corresponding to the correct HCS, and
enters the PRESYNC state. The PRESYNC state validates the cell boundary
location. If the cell boundary is invalid, an incorrect HCS will be received within
the next DELTA cells, at which time a transition back to the HUNT state is
executed. If no HCS errors are detected in this PRESYNC period, the SYNC
state is entered. While in the SYNC state, synchronization is maintained until
ALPHA consecutive incorrect HCS patterns are detected. In such an event a
transition is made back to the HUNT state. The state diagram of the delineation
process is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com