Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 30Page - PMC-Sierra, Inc PM5347 Datasheet HTML 31Page - PMC-Sierra, Inc PM5347 Datasheet HTML 32Page - PMC-Sierra, Inc PM5347 Datasheet HTML 33Page - PMC-Sierra, Inc PM5347 Datasheet HTML 34Page - PMC-Sierra, Inc PM5347 Datasheet HTML 35Page - PMC-Sierra, Inc PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc PM5347 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
Pin Name
Type
Pin
No.
Function
LOS
Output
186
The loss of signal (LOS) signal is set high when
loss of signal is declared. This occurs when a
violating period (20 ± 3 µs) of consecutive all
zeros bytes is detected on the incoming STS-3c/1
(STM-1) signal (before descrambling). LOS is
removed when two valid framing words (A1, A2)
are detected and during the intervening time, no
violating period of consecutive all zeros patterns
is detected. This alarm indication is also available
via register access. LOS is updated on the falling
edge of GROCLK.
LOF
Output
185
The loss of frame (LOF) signal is set high when
loss of frame is declared. This occurs when an
out-of-frame condition persists for a period of 3
ms. LOF is removed when an in-frame condition
persists for a period of 3 ms. This alarm indication
is also available via register access. LOF is
updated on the falling edge of GROCLK.
LAIS
Output
176
The line alarm indication signal (LAIS) is set high
when line AIS is declared. This occurs when a
111 binary pattern is detected in bits 6, 7, and 8
of the K2 byte for three or five consecutive frames
(as selected in the RLOP Control/Status register).
LAIS is removed when any pattern other than 111
is detected in bits 6, 7, and 8 of the K2 byte for
three or five consecutive frames. This alarm
indication is also available via register access.
LAIS is updated on the falling edge of GROCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com