Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 49Page - PMC-Sierra, Inc PM5347 Datasheet HTML 50Page - PMC-Sierra, Inc PM5347 Datasheet HTML 51Page - PMC-Sierra, Inc PM5347 Datasheet HTML 52Page - PMC-Sierra, Inc PM5347 Datasheet HTML 53Page - PMC-Sierra, Inc PM5347 Datasheet HTML 54Page - PMC-Sierra, Inc PM5347 Datasheet HTML 55Page - PMC-Sierra, Inc PM5347 Datasheet HTML 56Page - PMC-Sierra, Inc PM5347 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
Pin Name
Type
Pin
No.
Function
RSTB
Input
21
The active low reset (RSTB) signal provides an
asynchronous S/UNI-PLUS reset. RSTB is a
Schmitt triggered input with an integral pull up
resistor.
ALE
Input
20
The address latch enable (ALE) is active high and
latches the address bus A[7:0] when low. When
ALE is high, the internal address latches are
transparent. It allows the S/UNI-PLUS to interface
to a multiplexed address/data bus. ALE has an
integral pull up resistor.
INTB
Output
25
The active low interrupt (INTB) signal goes low
when a S/UNI-PLUS interrupt source is active,
and that source is unmasked. The S/UNI-PLUS
may be enabled to report many alarms or events
via interrupts. Examples are loss of signal (LOS),
loss of frame (LOF), line AIS, line remote defect
indication (LRDI), loss of pointer (LOP), path AIS,
path RDI, and many others. INTB returns high
when the interrupt is acknowledged via an
appropriate register access. INTB is an open
drain output.
TCK
Input
46
The test clock (TCK) signal provides timing for test
operations that can be carried out using the IEEE
P1149.1 test access port.
TMS
Input
43
The test mode select (TMS) signal controls the
test operations that can be carried out using the
IEEE P1149.1 test access port. TMS is sampled
on the rising edge of TCK. TMS has an integral
pull up resistor.
TDI
Input
42
The test data input (TDI) signal carries test data
into the S/UNI-PLUS via the IEEE P1149.1 test
access port. TDI is sampled on the rising edge of
TCK. TDI has an integral pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com