Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 47Page - PMC-Sierra, Inc PM5347 Datasheet HTML 48Page - PMC-Sierra, Inc PM5347 Datasheet HTML 49Page - PMC-Sierra, Inc PM5347 Datasheet HTML 50Page - PMC-Sierra, Inc PM5347 Datasheet HTML 51Page - PMC-Sierra, Inc PM5347 Datasheet HTML 52Page - PMC-Sierra, Inc PM5347 Datasheet HTML 53Page - PMC-Sierra, Inc PM5347 Datasheet HTML 54Page - PMC-Sierra, Inc PM5347 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
Pin Name
Type
Pin
No.
Function
TCP
Output
77
The transmit cell pulse (TCP) signal is provided to
locate the most significant GFC bit (GFC[3]) of a
cell's GFC field sourced on input TGFC. TCP
pulses high for one SPECLK period to identify the
SPECLK cycle before the cycle the GFC[3] bit is
output on TGFC. TCP is updated on the falling
edge of GTOCLK.
TGFC
Input
78
The transmit generic flow control (TGFC) input
contains GFC bits that can be inserted into the
GFC fields of transmitted cells (including
idle/unassigned cells). Insertion is controlled
using bits in the TACP Fixed Stuff/GFC register.
TGFC is sampled on the rising edge of GTOCLK.
POP[3]
POP[2]
POP[1]
POP[0]
Output
105
106
107
108
The parallel output port (POP[3:0]) is used to
control the operation of PMD devices. The signal
levels on this parallel output port correspond to
the bit values contained in the S/UNI-PLUS
Parallel I/O Port Register.
PIP[3]
PIP[2]
PIP[1]
PIP[0]
Input
109
110
111
112
The parallel input port (PIP[3:0]) is used to
monitor the operation of PMD devices. An
interrupt may be generated when state changes
are detected on the monitored signals. The real-
time signal levels on this port are available in the
S/UNI-PLUS Parallel I/O Port register. Each of the
inputs contains an internal pull-down resistor.
CSB
Input
22
The active low chip select (CSB) signal is low
during S/UNI-PLUS register accesses.
Note when not being used, CSB should be tied
high. If CSB is not required (i.e. register accesses
controlled using the RDB and WRB signals only),
CSB should be connected to an inverted version
of the RSTB input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com