Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 29Page - PMC-Sierra, Inc PM5347 Datasheet HTML 30Page - PMC-Sierra, Inc PM5347 Datasheet HTML 31Page - PMC-Sierra, Inc PM5347 Datasheet HTML 32Page - PMC-Sierra, Inc PM5347 Datasheet HTML 33Page - PMC-Sierra, Inc PM5347 Datasheet HTML 34Page - PMC-Sierra, Inc PM5347 Datasheet HTML 35Page - PMC-Sierra, Inc PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
17
Pin Name
Type
Pin
No.
Function
TFP
Input
81
The active high transmit frame pulse (TFP) signal
is used to align the SONET/SDH transport frame
generated by the S/UNI-PLUS device to a system
reference. TFP should be brought high for a
single GTOCLK period every 810 (STS-1), or
2430 (STS-3c/STM-1) GTOCLK cycles or a
multiple thereof. TFP may be tied low if such
synchronization is not required. The offset
between an active TFP input and the resultant
frame alignment on TOHFP is 16 GTOCLK
periods in STS-1 mode and 24 GTOCLK periods
in STS-3c mode. TFP is sampled on the rising
edge of GTOCLK.
GTOCLK
Output
72
The generated transmit output clock (GTOCLK) is
nominally a 6.48 MHz or 19.44 MHz, 50% duty
cycle clock. Transmit inputs and outputs that are
timed from the line are updated with timing
aligned to GTOCLK.
When configured for transmit clock synthesis
(TBYP low), GTOCLK is the synthesized line clock
divided by 8.
When transmit clock synthesis is bypassed (TBYP
high), GTOCLK is equal to TRCLK+/- divided by 8.
TOHFP
Output
84
The transmit overhead frame pulse (TOHFP)
signal identifies the start of a byte on outputs
TSOW, TSUC and TLOW. If required, TOHFP is
one GTOCLK clock cycle wide and can be used
as a reset pulse for an external counter. Please
refer to the functional timing diagrams for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com