Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc PM5347 Datasheet HTML 38Page - PMC-Sierra, Inc PM5347 Datasheet HTML 39Page - PMC-Sierra, Inc PM5347 Datasheet HTML 40Page - PMC-Sierra, Inc PM5347 Datasheet HTML 41Page - PMC-Sierra, Inc PM5347 Datasheet HTML 42Page - PMC-Sierra, Inc PM5347 Datasheet HTML 43Page - PMC-Sierra, Inc PM5347 Datasheet HTML 44Page - PMC-Sierra, Inc PM5347 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
Pin Name
Type
Pin
No.
Function
TFCLK
Input
67
The transmit FIFO clock (TFCLK) is used to write
words to the synchronous FIFO interface. TFCLK
must cycle at a 52 MHz or lower instantaneous
rate. TWRENB, TSOC, TXPRTY[1:0] and
TDAT[15:0] are sampled on the rising edge of
TFCLK. In addition, TCA is updated on the rising
edge of TFCLK.
TWRENB
Input
68
The active low transmit write enable input
(TWRENB) is used to initiate writes to the transmit
FIFO. When sampled low using the rising edge of
TFCLK, the 16-bit word on TDAT[15:0] is written
into the transmit FIFO. When sampled high using
the rising edge of TFCLK, no write is performed.
A complete 53 octet cell must be written to the
FIFO before it is inserted into the STS-3c/1 (STM-
1) SPE. Idle/unassigned cells are inserted when
a complete cell is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com