Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 79Page - PMC-Sierra, Inc PM5347 Datasheet HTML 80Page - PMC-Sierra, Inc PM5347 Datasheet HTML 81Page - PMC-Sierra, Inc PM5347 Datasheet HTML 82Page - PMC-Sierra, Inc PM5347 Datasheet HTML 83Page - PMC-Sierra, Inc PM5347 Datasheet HTML 84Page - PMC-Sierra, Inc PM5347 Datasheet HTML 85Page - PMC-Sierra, Inc PM5347 Datasheet HTML 86Page - PMC-Sierra, Inc PM5347 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
67
error control octet and the forty-eight octet payload. The second data structure
consists of fifty-three 8-bit words comprising the five octet cell header and the
forty-eight octet payload. Refer to the Operation section for more detail on these
data structures.
Management functions include filling the transmit FIFO, indicating when cells are
available to be written to the transmit FIFO, maintaining the transmit FIFO read
and write pointers, and detecting a FIFO overrun condition. The FIFO depth can
be programmed to be one to four cells deep. The TCA output signal transitions
low to indicate a full FIFO when the FIFO contains the same number of cells as
the programmed FIFO depth. Note, a cell is not transmitted by the S/UNI-PLUS
until the full cell has been written into the FIFO.
When the FIFO is full as indicated by TCA and the upstream device writes into
the FIFO, the TACP indicates a FIFO overrun condition using a maskable
interrupt and register bits. The offending write and all subsequent writes are
ignored until there is room in the FIFO.
The FIFO interface provided to the system is a synchronous interface emulating
commercial synchronous FIFOs. All transmit FIFO signals, TSOC, TWRENB,
TCA, TXPRTY[1:0] and TDAT[15:0] are either sampled or updated on the rising
edge of the TFCLK clock input.
9.17
SONET/SDH Section and Path Trace Buffers
The SONET/SDH Section Trace Buffer (SSTB) block and the SONET/SDH Path
Trace Buffer (SPTB) block are identical. The blocks can handle both 64-byte
CLLI messages in SONET and 16-byte E.164 messages in SDH. The generic
SONET/SDH Trace Buffer (STB) block is described below.
9.17.1 Receive Trace Buffer (RTB)
The RTB consists of two parts: the Trace Message Receiver and the Overhead
Byte Receiver.
1. Trace Message Receiver:
The Trace Message Receiver (TMR) processes the trace message, and
consists of three sub-processes: Framer, Persistency, and Compare.
Framer:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com