Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 45Page - PMC-Sierra, Inc PM5347 Datasheet HTML 46Page - PMC-Sierra, Inc PM5347 Datasheet HTML 47Page - PMC-Sierra, Inc PM5347 Datasheet HTML 48Page - PMC-Sierra, Inc PM5347 Datasheet HTML 49Page - PMC-Sierra, Inc PM5347 Datasheet HTML 50Page - PMC-Sierra, Inc PM5347 Datasheet HTML 51Page - PMC-Sierra, Inc PM5347 Datasheet HTML 52Page - PMC-Sierra, Inc PM5347 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
Pin Name
Type
Pin
No.
Function
TPOHFP
Output
86
The transmit path overhead frame position
(TPOHFP) signal may be used to locate the
individual path overhead bits in the path overhead
data stream, TPOH. TPOHFP is logic one while
bit 1 (the most significant bit) of the path trace
byte (J1) is expected in the TPOH stream.
TPOHFP is updated on the falling edge of
TPOHCLK.
TOWCLK
Output
96
The transmit orderwire clock (TOWCLK) is a 64
kHz clock used to sample the TSOW, TSUC, and
TLOW inputs. TOWCLK is generated by gapping
a 72 kHz clock.
TSOW
Input
93
The transmit section orderwire (TSOW) signal
contains the section orderwire channel (E1)
inserted into the transmit stream. When not used,
this input should be connected to logic zero.
Overhead sourced using inputs TTOH and
TTOHEN takes precedence over overhead
sourced using TSOW. TSOW is sampled on the
rising edge of TOWCLK.
TSUC
Input
94
The transmit section user channel (TSUC) signal
contains the section user channel (F1) inserted
into the transmit stream. When not used, this
input should be connected to logic zero.
Overhead sourced using inputs TTOH and
TTOHEN takes precedence over overhead
sourced using TSUC. TSUC is sampled on the
rising edge of TOWCLK.
TLOW
Input
95
The transmit line orderwire (TLOW) signal
contains the line orderwire channel (E2) inserted
into the transmit stream. When not used, this
input should be connected to logic zero.
Overhead sourced using inputs TTOH and
TTOHEN takes precedence over overhead
sourced using TLOW. TLOW is updated on the
rising edge of TOWCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com