Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 69Page - PMC-Sierra, Inc PM5347 Datasheet HTML 70Page - PMC-Sierra, Inc PM5347 Datasheet HTML 71Page - PMC-Sierra, Inc PM5347 Datasheet HTML 72Page - PMC-Sierra, Inc PM5347 Datasheet HTML 73Page - PMC-Sierra, Inc PM5347 Datasheet HTML 74Page - PMC-Sierra, Inc PM5347 Datasheet HTML 75Page - PMC-Sierra, Inc PM5347 Datasheet HTML 76Page - PMC-Sierra, Inc PM5347 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
and corrected while the HCS Verification state machine is in the 'Correction
Mode' state. The second counter accumulates uncorrectable HCS errors which
are HCS bit errors detected while the HCS Verification state machine is in the
'Detection Mode' state or HCS bit errors detected but not corrected while the
state machine is in the 'Correction Mode' state. The 21-bit receive cell counter
counts all cells written into the receive FIFO. Filtered cells are not counted.
Each counter may be read through the microprocessor interface. Circuitry is
provided to latch these counters so that their values can be read while
simultaneously resetting the internal counters to 0 or 1, if appropriate, so that a
new period of accumulation can begin without loss of any events. It is intended
that the counter be polled at least once per second so as not to miss HCS error
events.
GFC Extraction Port
The GFC Extraction Port outputs the received GFC bits in a serial stream. The
four GFC bits are presented for each received cell, with the RCP output
indicating the position of the most significant bit. The updating of RGFC by
particular GFC bits may be disabled through an internal register. The serial link
is forced low if cell delineation is lost.
Receive FIFO
The Receive FIFO provides FIFO management and the asynchronous interface
between the S/UNI-PLUS device and the external environment. The receive FIFO
can accommodate four cells. The receive FIFO provides for the separation of the
STS-3c/1 (STM-1) line or physical layer timing from the ATM layer timing.
The FIFO supports two data structures. The first data structure consists of
twenty-seven 16-bit words comprising the five octet cell header, a cell header
status octet and the forty-eight octet payload. The second data structure
consists of fifty three 8-bit words comprising the five octet cell header and the
forty-eight octet payload. Refer to the Operation section for more detail on these
data structures.
Management functions include filling the receive FIFO, indicating when cells are
available to be read from the receive FIFO, maintaining the receive FIFO read
and write pointers, and detecting FIFO overrun and underrun conditions. Upon
detection of an overrun, the FIFO is automatically reset. Up to four cells may be
lost during the FIFO reset operation. Upon detection of an underrun, the
offending read is ignored. FIFO overruns are indicated through a maskable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com