Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 33Page - PMC-Sierra, Inc PM5347 Datasheet HTML 34Page - PMC-Sierra, Inc PM5347 Datasheet HTML 35Page - PMC-Sierra, Inc PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc PM5347 Datasheet HTML 38Page - PMC-Sierra, Inc PM5347 Datasheet HTML 39Page - PMC-Sierra, Inc PM5347 Datasheet HTML 40Page - PMC-Sierra, Inc PM5347 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
21
Pin Name
Type
Pin
No.
Function
TLRDI
Input
76
The active high transmit line remote defect
indication (TLRDI) signal controls the insertion of
line RDI. Line RDI is inserted by transmitting the
code 110 (binary) in bit positions 6, 7, and 8 of the
K2 byte. This function can also be performed via
register access, or be enabled to occur
automatically upon detection of receive line AIS,
loss of signal, or loss of frame. The TLRDI input
takes precedence over the TTOH and TTOHEN
inputs. TLRDI is sampled on the rising edge of
GTOCLK.
TPAIS
Input
73
The active high transmit path alarm indication
(TPAIS) signal controls the insertion of STS-path
AIS. A high level on TPAIS forces the insertion of
an all ones pattern into the complete synchronous
payload envelope, and the payload pointer bytes
(H1, H2). Path AIS insertion is internally
synchronized to SPE frame boundaries. This
function can also be performed via register
access. TPAIS is sampled on the rising edge of
GTOCLK.
TPRDI
Input
74
The transmit path remote defect indication
(TPRDI) signal controls the insertion of path RDI.
A high level on TPRDI forces a logic one to be
inserted in the path RDI bit position in the path
status byte (G1). This function can also be
performed via register access, or be enabled to
occur automatically upon detection of receive line
AIS, loss of frame, loss of signal, loss of pointer,
or path AIS. The TPOH and TPOHEN inputs take
precedence over the TPRDI input. TPRDI is
sampled on the rising edge of GTOCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com