Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 13Page - PMC-Sierra, Inc PM5347 Datasheet HTML 14Page - PMC-Sierra, Inc PM5347 Datasheet HTML 15Page - PMC-Sierra, Inc PM5347 Datasheet HTML 16Page - PMC-Sierra, Inc PM5347 Datasheet HTML 17Page - PMC-Sierra, Inc PM5347 Datasheet HTML 18Page - PMC-Sierra, Inc PM5347 Datasheet HTML 19Page - PMC-Sierra, Inc PM5347 Datasheet HTML 20Page - PMC-Sierra, Inc PM5347 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
• Monolithic Saturn User Network Interface that implements the ATM physical
layer for Broadband ISDN according to ANSI, ITU, and ATM Forum
specifications.
• Processes duplex 155.52 Mbit/s STS-3c/STM-1 or 51.84 Mbit/s STS-1 data
streams with on-chip clock and data recovery and clock synthesis.
• Provides Saturn Compliant Interface - PHYsical layer (SCI-PHY™) FIFO
buffers in both transmit and receive paths with parity support.
• Provides a generic 8-bit microprocessor bus interface for configuration,
control, and status monitoring.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan
board test purposes.
• Low power, +5 Volt, CMOS technology.
• 208 pin high performance plastic quad flat pack (PQFP) 28 mm x 28 mm
package.
• Industrial temperature range operation (-40°C to +85°C).
The receiver section:
• Provides a serial interface at 155.52 or 51.84 Mbit/s.
• Recovers the clock and data.
• Frames to and descrambles the recovered stream.
• Filters and captures the automatic protection switch channel (K1, K2) bytes in
readable registers and detects APS byte failure.
• Captures the synchronization status (S1) byte in a readable register.
• Interprets the received payload pointer (H1, H2) and extracts the STS-3c/1
(STM-1) synchronous payload envelope and path overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com