Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 63Page - PMC-Sierra, Inc PM5347 Datasheet HTML 64Page - PMC-Sierra, Inc PM5347 Datasheet HTML 65Page - PMC-Sierra, Inc PM5347 Datasheet HTML 66Page - PMC-Sierra, Inc PM5347 Datasheet HTML 67Page - PMC-Sierra, Inc PM5347 Datasheet HTML 68Page - PMC-Sierra, Inc PM5347 Datasheet HTML 69Page - PMC-Sierra, Inc PM5347 Datasheet HTML 70Page - PMC-Sierra, Inc PM5347 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
51
• 8 x NDF_enable eight consecutive NDF_enable indications
Notes:
1. The transitions from NORM_state to NORM_state do not represent state
changes but imply offset changes.
2. 3 x new_point takes precedence over 8 x inv_point.
3. All three offset values received in 3 x eq_new_point must be identical.
4. "Consecutive event counters" are reset to zero on a change of state.
The Pointer Interpreter Block detects loss of pointer (LOP) in the receive stream.
LOP is declared (LOP output set high) on entry to the LOP_state as a result of
eight consecutive invalid pointers or eight consecutive new data flag (NDF)
enabled indications. LOP is removed (LOP output set low) when the same valid
pointer with normal NDF is detected for three consecutive frames. Incoming STS
Path AIS (pointer bytes set to all ones) does not cause entry into the LOP state.
The Pointer Interpreter Block detects path AIS in the receive stream. PAIS is
declared (PAIS output set high) on entry to the AIS_state after three consecutive
AIS indications. PAIS is removed (PAIS set low) when the same valid pointer with
normal NDF is detected for three consecutive frames or when a valid pointer with
NDF enabled is detected.
Invalid pointer indications (inv_point), invalid NDF codes, new pointer indications
(new_point), discontinuous change of pointer alignment, and illegal pointer
changes are also detected and reported by the Pointer Interpreter block via
register bits. An invalid NDF code is any NDF code that does not match the NDF
enabled or NDF disabled definitions. The third occurrence of equal new_point
indications (3 x eq_new_point) is reported as a discontinuous change of pointer
alignment event (DISCOPA) instead of a new pointer event and the active offset
is updated with the receive pointer value. An illegal pointer change is defined as
a inc_ind or dec_ind indication that occurs within three frames of the previous
inc_ind, dec_ind or NDF_enable indications. Illegal pointer changes may be
optionally disabled via register bits.
The pointer value is used to extract the path overhead from the receive stream.
The current pointer value can be read from an internal register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com