Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 15 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 15 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 11Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 12Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 13Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 14Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 15Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 16Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 17Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 18Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Equation 2 can be used as a guide to indicate how the various terms affect the input supply current. The
Application Curves show measured values for the input supply current for both 3.3-V and 5-V output voltage
versions.
8.3.6 UVLO and TSD
The LM53603 incorporates an input undervoltage lockout (UVLO) function. The device accepts an EN command
when the input voltage rises above about 3.64 V and shuts down when the input falls below about 3.3 V. See the
Electrical Characteristics table under VIN-operate for detailed specifications.
Thermal shutdown is provided to protect the device from excessive temperature. When the junction temperature
reaches about 162°C, the device shuts down; restart occurs at a temperature of about 144ºC.
8.4 Device Functional Modes
See Table 1 and the following paragraphs for a detailed description of the functional modes for the LM53603.
These modes are controlled by the FPWM input as shown in Table 1. This input can be controlled by any
compatible logic, and the mode changed while the regulator is operating. If it is desired to lock the mode for a
given application, the input can be either connected to ground, a logic supply, or the VCC pin, as desired. The
maximum input voltage on this pin is 5.5 V and it should not be allowed to float.
Table 1. Mode Selection
FPWM INPUT VOLTAGE
OPERATING MODE
> 1.5 V
Forced PWM: The regulator operates as a constant frequency, current mode, full-
synchronous converter for all loads; without diode emulation.
< 0.4 V
AUTO: The regulator moves between PFM and PWM as the load current changes, using
diode-emulation-mode to allow DCM (see the Glossary).
8.4.1 AUTO Mode
In AUTO mode the device moves between PWM and PFM as the load changes. At light loads the regulator
operates in PFM. At higher loads the mode changes to PWM. The load currents for which the devices moves
from PWM to PFM can be found in the Application Curves.
In PWM , the converter operates as a constant frequency, current mode, full synchronous converter using PWM
to regulate the output voltage. While operating in this mode the output voltage is regulated by switching at a
constant frequency and modulating the duty cycle to control the power to the load. This provides excellent line
and load regulation and low output voltage ripple. When in PWM, the converter synchronizes to any valid clock
signal on the SYNC input (see Dropout and Input Voltage Frequency Fold-Back).
In PFM the high-side FET is turned on in a burst of one or more cycles to provide energy to the load. The
frequency of these bursts is adjusted to regulate the output, while diode emulation is used to maximize efficiency.
This mode provides high light load efficiency by reducing the amount of input supply current required to regulate
the output voltage at small loads Glossary. This trades off very good light load efficiency for larger output voltage
ripple and variable switching frequency. Also, a small increase in the output voltage occurs in PFM. The actual
switching frequency and output voltage ripple depend on the input voltage, output voltage, and load. Typical
switching waveforms for PFM are shown in Figure 12. See the Application Curves for output voltage variation in
AUTO mode. The SYNC input is ignored during PFM operation.
A unique feature of this device, is that a minimum input voltage is required for the regulator to switch from PWM
to PFM at light load. This feature is a consequence of the advanced architecture employed to provide high
efficiency at light loads. Figure 13 indicates typical values of input voltage required to switch modes at no-load.
Also, once the regulator switches to PFM, at light load, it remains in that mode if the input voltage is reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com