Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 30 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 30 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 26Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 27Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 28Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 29Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 30Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 31Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 32Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 33Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
The PCB layout of any DC-DC converter is critical to the optimal performance of the design. Bad PCB layout can
disrupt the operation of an otherwise good schematic design. Even if the converter regulates correctly, bad PCB
layout can mean the difference between a robust design and one that cannot be mass produced. Furthermore,
the EMI performance of the regulator is dependent on the PCB layout, to a great extent. In a buck converter, the
most critical PCB feature is the loop formed by the input capacitor and power ground, as shown in Figure 46.
This loop carries fast transient currents that can cause large transient voltages when reacting with the trace
inductance. These unwanted transient voltages disrupt the proper operation of the converter. Because of this, the
traces in this loop should be wide and short, and the loop area as small as possible to reduce the parasitic
inductance. Figure 47 shows a recommended layout for the critical components of the LM53603. This PCB
layout is a good guide for any specific application. The following important guidelines must also be followed:
1. Place the input capacitor(s) CIN as close as possible to the VIN and PGND terminals. VIN and GND
are on the same side of the device, simplifying the input capacitor placement.
2. Place bypass capacitors for VCC and BIAS close to their respective pins. These components must be
placed close to the device and routed with short and wide traces to the pins and ground. The trace from
BIAS to VOUT should be
≥10 mils wide. BIAS and VCC capacitors must be place within 4 mm of the BIAS
and VCC pin (160 mils) .
3. Use wide traces for the CBOOT capacitor. CBOOT must be placed close to the device with short and wide
traces to the CBOOT and SW pins.
4. Place the feedback divider as close as possible to the FB pin on the device. If a feedback divider and
CFF are used, they must be close to the device while the length of the trace from VOUT to the divider can be
somewhat longer. However, this latter trace must not be routed near any noise sources that can capacitively
couple to the FB input.
5. Use at least one ground plane in one of the middle layers. This plane acts as a noise shield and also act
as a heat dissipation path.
6. Connect the EP pad to the GND plane. This pad acts as a heat sink connection and a ground connection
for the regulator. It must be solidly connected to a ground plane. The integrity of this connection has a direct
bearing on the effective RθJA.
7. Provide wide paths for VIN, VOUT and GND. Making these paths as wide as possible reduces any voltage
drops on the input or output paths of the converter and maximizes efficiency.
8. Provide enough PCB area for proper heat sinking. As stated in the Maximum Ambient Temperature
section, enough copper area must be used to ensures a low RθJA, commensurate with the maximum load
current and ambient temperature. The top and bottom PCB layers must be made with two ounce copper; and
no less than one ounce. Use an array of heat sinking vias to connect the exposed pad (EP) to the ground
plane on the bottom PCB layer. If the PCB has multiple copper layers (recommended), these thermal vias
can also be connected to the inner layer heat-spreading ground planes.
9. Keep switch area small. The copper area connecting the SW pin to the inductor must be kept as short and
wide as possible. At the same time the total area of this node must be minimized to help mitigate radiated
EMI.
10. These resources provide additional important guidelines:
–
AN-1149 Layout Guidelines for Switching Power Supplies (SNVA021)
–
AN-1229 Simple Switcher PCB Layout Guidelines (SNVA054)
–
Constructing Your Power Supply- Layout Considerations (SLUP230)
–
Low Radiated EMI Layout Made SIMPLE with LM4360x and LM4600x (SNVA721)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com