Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 29 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 29 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 25Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 26Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 27Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 28Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 29Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 30Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 31Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 32Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
K
˜
˜
IN
OUT
OUT
IN
V
I
V
I
29
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The characteristics of the input supply must be compatible with the Absolute Maximum Ratings and
Recommended Operating Conditions found in this data sheet. In addition, the input supply must be capable of
delivering the required input current to the loaded regulator. The average input current can be estimated with
Equation 6, where η is the efficiency.
(6)
If the regulator is connected to the input supply through long wires or PCB traces, take special care to achieve
good performance. The parasitic inductance and resistance of the input cables can have an adverse effect on
the operation of the regulator. The parasitic inductance, in combination with the low-ESR ceramic input
capacitors, can form an under-damped resonant circuit. This circuit may cause overvoltage transients at the VIN
pin, each time the input supply is cycled on and off. The parasitic resistance causes the voltage at the VIN pin to
dip when the load on the regulator is switched on, or exhibits a transient. If the regulator is operating close to the
minimum input voltage, this dip may cause the device to shutdown or reset. The best way to solve these kinds of
issues is to reduce the distance from the input supply to the regulator or use an aluminum or tantalum input
capacitor in parallel with the ceramics. The moderate ESR of these types of capacitors helps to damp the input
resonant circuit and reduce any voltage overshoots. A value in the range of 20 µF to 100 µF is usually sufficient
to provide input damping and help to hold the input voltage steady during large load transients.
Sometimes, for other system considerations, an input filter is used in front of the regulator. This can lead to
instability, as well as some of the effects mentioned above, unless it is designed carefully. The user guide Simple
Success with Conducted EMI for DC-DC Converters (SNVA489), provides helpful suggestions when designing
an input filter for any switching regulator
In some cases a Transient Voltage Suppressor (TVS) is used on the input of regulators. One class of this device
has a snap-back V-I characteristic (thyristor type). The use of a device with this type of characteristic is not
recommend. When the TVS fires, the clamping voltage drops to a very low value. If this holding voltage is less
than the output voltage of the regulator, the output capacitors is discharged through the regulator back to the
input. This uncontrolled current flow could damage the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com