Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 27 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 27 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 23Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 24Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 25Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 26Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 27Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 28Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 29Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 30Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
FPWM, 4v/div
VOUT, 100mV/div
Iinductor, 1A/div
2ms/div
50µs/div
VOUT, 100mV/div
Output Current, 1A/div
50µs/div
Output Current, 1A/div
VOUT, 100mV/div
1ms/div
EN, 3V/div
VOUT, 2V/div
Iinductor, 1A/div
RESET, 4V/div
Output Current (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
1E-6
1
10
100
1000
10000
100000
1000000
10000000
D030
6 V
12 V
18 V
36 V
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
500000
1000000
1500000
2000000
2500000
D027
0 A
2 A
3 A
27
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
The following characteristics apply only to the circuit of Figure 15. These parameters are not tested and
represent typical performance only. Unless otherwise stated, the following conditions apply: VIN = 12 V, TA =
25°C.
VOUT = 3.3 V
AUTO
Figure 39. Switching Frequency vs Load Current
VOUT = 3.3 V
FPWM
Figure 40. Switching Frequency vs Input Voltage
VOUT = 3.3 V
AUTO
IOUT = 0 A
Figure 41. Start-Up
VOUT = 3.3 V
IOUT = 0 A to 3 A, TR = TF = 1 µs
AUTO
Figure 42. Load Transient
VOUT = 3.3 V
IOUT = 0 A to 3 A, TR = TF = 1 µs
FPWM
Figure 43. Load Transient
VOUT = 3.3 V
IOUT = 1 mA
Figure 44. Mode Change Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com