Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 18 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 18 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 14Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 15Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 16Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 17Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 18Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 19Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 20Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 21Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
VIN
EN
RESET
VCC
SYNC
FPWM
AGND
PGND
SW
CBOOT
FB
BIAS
LM53603
VIN
VOUT
L
CBOOT
COUT
CIN
CVCC
CBIAS
RBIAS
3x 10µF
3x 22µF
2.2 µH
0.47 µF
0.1 µF
3 Ÿ
3.3 µF
6V to 36V
5V or 3.3V
3A
10nF
Copyright © 2016, Texas Instruments Incorporated
18
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI's customers are
responsible for determining the suitability of components for their purposes. Customers
should validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM53603 and LM53602 are step-down DC-DC converters, typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of either 3 A or 2 A. The following design procedure can be
used to select components for the LM53603 or LM53602. Alternately, the WEBENCH® Design Tool may be used
to generate a complete design. This tool uses an iterative design procedure and has access to a comprehensive
database of components. This allows the tool to create an optimized design and allows the user to experiment
with various design options.
9.2 Typical Applications
9.2.1 Typical and Full-Featured Industrial Application Circuits
Figure 15 shows the minimum required application circuit for the fixed output voltage versions, while Figure 16
shows the connections for complete processor control of the LM53603. See these figures while following the
design procedures. Table 2 provides an example of typical design requirements.
Figure 15. Typical Industrial Power Supply Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com