Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 31 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 31 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 27Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 28Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 29Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 30Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 31Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 32Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 33Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 34Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
CIN
VIN
SW
GND
31
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 46. Current Loops With Fast Transients
11.1.1 Ground and Thermal Plane Considerations
As mentioned in the Layout Guidelines, TI recommends using one of the middle layers as a solid ground plane.
A ground plane provides shielding for sensitive circuits and traces. It also provides a quiet reference potential for
the control circuitry. The AGND and PGND pins must be connected to the ground plane using vias right next to
the bypass capacitors. PGND pins are connected to the source of the internal low-side MOSFET switch. They
must be connected directly to the grounds of the input and output capacitors. The PGND net contains noise at
the switching frequency and may bounce due to load variations. The PGND trace, as well as PVIN and SW
traces, must be constrained to one side of the ground plane. The other side of the ground plane contains much
less noise and must be used for sensitive routes.
TI recommends providing adequate device heat sinking by using the exposed pad (EP) of the IC as the primary
thermal path. Use a minimum 4 × 4 array of 10-mil thermal vias to connect the EP to the system ground plane for
heat sinking. The vias must be evenly distributed under the exposed pad. Use as much copper as possible for
system ground plane on the top and bottom layers for the best heat dissipation. TI recommends using a four-
layer board with the copper thickness, starting from the top, as: 2 oz. / 1 oz. / 1 oz. / 2 oz. A four-layer board with
enough copper thickness and proper layout provides low current conduction impedance, proper shielding and
lower thermal resistance.
These resources provide additional important guidelines for thermal PCB design:
•
AN-2020 Thermal Design By Insight, Not Hindsight (SNVA419)
•
AN-1520 A Guide to Board Layout for Best Thermal Resistance for Exposed Pad Packages (SNVA183)
•
Semiconductor and IC Package Thermal Metrics (SPRA953)
•
Thermal Design made Simple with LM43603 and LM43602 (SNVA719)
•
PowerPAD™ Thermally Enhanced Package (SLMA002)
•
PowerPAD Made Easy (SLMA004)
•
Using New Thermal Metrics (SBVA025)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com