Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 28 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 28 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 24Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 25Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 26Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 27Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 28Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 29Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 30Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 31Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
VIN
EN
RESET
VCC
SYNC
FPWM
AGND
PGND
SW
CBOOT
FB
BIAS
LM53603
VIN
VOUT
L
CBOOT
COUT
CIN
CVCC
CBIAS
RBIAS
3x 10µF
3x 22µF
4.7 µH
0.47 µF
0.1 µF
3 Ÿ
3.3 µF
CFF
RFBT
RFBB
100 kŸ
11 kŸ
12V to 36V
10V @ 3A
47 pF
10nF
Copyright © 2016, Texas Instruments Incorporated
28
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.3 Typical Adjustable Industrial Application Circuit
Figure 45 shows a typical example of a design with an output voltage of 10 V; while Table 7 gives typical design
parameters. See Detailed Design Procedure for the design procedure.
Figure 45. Typical Adjustable Output Industrial Power Supply Schematic
CD/DVD/Blu-ray Disc™ Motor Drive Applications
VOUT = 10 V
9.3.1 Design Parameters for Typical Adjustable Output Industrial Power Supply
There are a few design parameters to take into account. Most of those choices decide which version of the
device to use. The desired output current steers the designer toward a LM53602 type or LM53603 type part.
Most but not all parameters are independent of the of the IC choice. The output filter components (inductor and
output capacitors) might vary with the choice of output voltage, especially for output voltages higher than 5 V.
Refer to Detailed Design Procedure for details on choosing the components for the application.
Table 7. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage
12 V
Output Voltage
10 V
Maximum Output Current
3 A
9.4 Do's and Don't's
•
Don't: Exceed the Absolute Maximum Ratings.
•
Don't: Exceed the ESD Ratings.
•
Don't: Exceed the Recommended Operating Conditions.
•
Don't: Allow the EN, FPWM or SYNC input to float.
•
Don't: Allow the output voltage to exceed the input voltage, nor go below ground.
•
Don't: Use the thermal data given in the Thermal Information table to design your application.
•
Do: Follow all of the guidelines and suggestions found in this data sheet, before committing your design to
production. TI Application Engineers are ready to help critique your design and PCB layout to help make your
project a success.
•
Do: Refer to the helpful documents found in Layout Guidelines and Ground and Thermal Plane
Considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com