Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 37 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 37 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 32Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 33Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 34Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 35Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 36Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 37Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 38Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 39Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.6
6.2
14X 0.65
16X
0.30
0.19
2X
4.55
(0.15) TYP
0 - 8
0.15
0.05
1.2 MAX
3.40
2.68
2.48
1.75
4X 0.18 MAX
NOTE 5
4X (0.3)
NOTE 5
2X (0.95)
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
5.1
4.9
B
4.5
4.3
PowerPAD
TSSOP - 1.2 mm max height
PWP0016D
PLASTIC SMALL OUTLINE
4223219/A 08/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may differ and may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
16
0.1
C A B
9
8
PIN 1 ID AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.250
THERMAL
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com