Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 23 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 23 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 19Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 20Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 21Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 22Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 23Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 24Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 25Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 26Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Output Current (A)
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
D032
7 Vin
12 Vin
18 Vin
Output Current (A)
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
D033
7 Vin
12 Vin
18 Vin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
80
90
100
110
120
130
140
150
Ambient Temperature (C)
LM53603,
3.3V
LM53603,
5V
LM53602,
3.3V
LM53602,
5V
C006
Board Area (mm2)
0
500
1000
1500
2000
2500
3000
20
25
30
35
40
45
50
D024
0.5 W
1 W
2 W
23
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
for each layer of a four-layer board; the inner layers are 1 oz. (35 µm), while the outer layers are 2 oz. (70 µm). A
typical curve of maximum load current versus ambient temperature, for both the LM53603 and LM53602, is
shown in Figure 18. This data was taken with the device soldered to a PCB with an RθJA of about 17°C/W and an
input voltage of 12 V. It must be remembered that the data shown in these graphs are for illustration only and the
actual performance in any given application depends on all of the factors mentioned above.
Figure 17. RθJA vs Copper Board Area
Figure 18. Maximum Output Current vs Ambient
Temperature
RθJA = 17°C/W, VIN = 12 V
Figure 19. IC Power Dissipation vs Output Current for 3.3-
V output
Figure 20. IC Power Dissipation vs Output Current for 5-V
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com