Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 24 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 24 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 20Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 21Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 22Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 23Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 24Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 25Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 26Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 27Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D011
-40°C
27°C
105°C
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
D012
-40°C
27°C
105°C
Input Voltage (V)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
D014
-40°C
25°C
105°C
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
D013
UP
DN
Output Current (A)
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.00001
0.0001
0.001
0.01
0.1
1
3
D028
12 VIN
18 VIN
7 VIN
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4.97
4.98
4.99
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
D008
7 V
12 V
18 V
36 V
24
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.1.3 Application Curves
The following characteristics apply only to the circuit of Figure 15. These parameters are not tested and
represent typical performance only. Unless otherwise stated, the following conditions apply: VIN = 12 V, TA =
25°C.
VOUT = 5 V
AUTO
Inductor = XAL6030-222ME
Figure 21. Efficiency
VOUT = 5 V
AUTO
Figure 22. Load and Line Regulation
VOUT = 5 V
AUTO
IOUT = 0 A
Figure 23. Input Supply Current
VOUT = 5 V
Figure 24. Load Current for Mode Change
VOUT = 5 V
Figure 25. Dropout for –1% Regulation
VOUT = 5 V
Figure 26. Dropout for
≥ 1.85 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com