Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 33 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 33 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 29Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 30Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 31Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 32Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 33Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 34Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 35Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 36Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
12 Device and Documentation Support
12.1 Device Support
12.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
12.1.2 Developmental Support
For developmental support, see the following tools:
•
High Density Efficient Solution for Main Aux as well as Back up Aux Power in Drones
•
2.2MHz Switching, Synchronous Split Supply Reference Design for 12V Battery with all Protections
•
15W Synchronous Buck Regulator with Integrated FETs Reference Design
•
System Level reference design for 30W ADAS system with required Automotive Protections
•
15-W System-Level Power Reference Design for Automotive Body Control Module
12.2 Documentation Support
12.2.1 Related Documentation
For related documentation see the following:
•
Using New Thermal Metrics (SBVA025).
•
Optimizing Transient Response of Internally Compensated dc-dc Converters With Feedforward Capacitor
(SLVA289).
•
Simple Success with Conducted EMI for DC-DC Converters (SNVA489).
•
AN-1149 Layout Guidelines for Switching Power Supplies (SNVA021).
•
AN-1229 Simple Switcher PCB Layout Guidelines (SNVA054).
•
Constructing Your Power Supply- Layout Considerations (SLUP230).
•
Low Radiated EMI Layout Made SIMPLE with LM4360x and LM4600x (SNVA721).
•
AN-2020 Thermal Design By Insight, Not Hindsight (SNVA419).
•
AN-1520 A Guide to Board Layout for Best Thermal Resistance for Exposed Pad Packages (SNVA183).
•
Semiconductor and IC Package Thermal Metrics (SPRA953).
•
Thermal Design made Simple with LM43603 and LM43602 (SNVA719).
•
PowerPAD™ Thermally Enhanced Package (SLMA002).
•
PowerPAD Made Easy (SLMA004).
•
Using New Thermal Metrics (SBVA025).
12.3 Related Links
Table 8 lists quick access links. Categories include technical documents, support and community resources,
tools and software, and quick access to sample or buy.
Table 8. Related Links
PARTS
PRODUCT FOLDER
SAMPLE & BUY
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
LM53602
Click here
Click here
Click here
Click here
Click here
LM53603
Click here
Click here
Click here
Click here
Click here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com