Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R3-2R2-R Datasheet(PDF) 19 Page - Texas Instruments

Part # MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Datasheet(HTML) 19 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 15Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 16Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 17Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 18Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 19Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 20Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 21Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 22Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
VIN
EN
RESET
VCC
SYNC
FPWM
AGND
PGND
SW
CBOOT
FB
BIAS
LM53603
VIN
VOUT
L
CBOOT
COUT
CIN
CVCC
CBIAS
RBIAS
3x 10µF
3x 22µF
2.2 µH
0.47 µF
0.1 µF
3 Ÿ
3.3 µF
µC
100 kŸ
6V to 36V
3.3V or 5V
3A
10nF
Copyright © 2016, Texas Instruments Incorporated
19
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Applications (continued)
Figure 16. Full-Featured Industrial Power Supply Schematic
9.2.1.1 Design Parameters
There are a few design parameters to take into account. Most of those choices decide which version of the
device to use. The desired output current steers the designer toward a LM53602 type or LM53603 type part. If
the output voltage is 3.3 V or 5 V, a fixed output version of the device can be used. Any other voltage level within
the tolerance of the part can be achieved by using an adjustable version of the device. Most but not all
parameters are independent of the of the IC choice. The output filter components (inductor and output
capacitors) might vary with the choice of output voltage, especially for output voltages higher than 5 V. See
Detailed Design Procedure for help in choosing these components.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
12 V
Output voltage
5 V
Maximum output current
3 A
9.2.1.2 Detailed Design Procedure
The following detailed design procedure applies to Figure 15, Figure 16, and Figure 45.
9.2.1.2.1
Setting the Output Voltage
For the fixed output voltage versions, the FB input is connected directly to the output voltage node. Preferably,
near the top of the output capacitor. If the feed-back point is located further away from the output capacitors (that
is, remote sensing), then a small 100-nF capacitor may be needed at the sensing point.
For output voltages other than 5 V or 3.3 V, a feedback divider is required. For the ADJ version of the device, the
regulator holds the FB pin at 1 V. The range of adjustable output voltage can be found in the Recommended
Operating Conditions. Equation 3 can be used to determine RFBB for a desired output voltage and a given RFBT.
Usually RFBT is limited to a maximum value of 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com